Electronic Components Datasheet Search
  English  ▼

X  

TMD49037 Datasheet(PDF) 67 Page - OSRAM GmbH

Part # TMD49037
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD49037 Datasheet(HTML) 67 Page - OSRAM GmbH

Back Button TMD49037 Datasheet HTML 63Page - OSRAM GmbH TMD49037 Datasheet HTML 64Page - OSRAM GmbH TMD49037 Datasheet HTML 65Page - OSRAM GmbH TMD49037 Datasheet HTML 66Page - OSRAM GmbH TMD49037 Datasheet HTML 67Page - OSRAM GmbH TMD49037 Datasheet HTML 68Page - OSRAM GmbH TMD49037 Datasheet HTML 69Page - OSRAM GmbH TMD49037 Datasheet HTML 70Page - OSRAM GmbH TMD49037 Datasheet HTML 71Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
Page 66
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Application Information
Figure 77:
Simplified Flow Diagram
Simplified Flow Diagram: The digital logic in the remote control engine has been tailored to fit the data format
and protocol specifications for IR remote control. “Press and Release” type buttons (e.g. Power) are generated
using the logic in the red box (logic in the blue box is not needed). “Press and Hold” type buttons (e.g. Volume+)
are generated using logic in both the red and blue boxes.
START
?
N
Y
IDLE
Done Looping
?
At the END of
Pattern
?
Burst “Pulse” for x
Carrier Periods
(LED ON)
Go to next RAM
location
N
Burst “Gap” for y
Carrier Periods
(LED ON)
Decrement Loop
Counter
N
Set RAM Address to
0x00
IDLE
Y
Set RAM Address to
“Repeated” Start
Location
Y
At the END of
Pattern
?
Burst “Pulse” for x
Carrier Periods
(LED ON)
Go to next RAM
location
N
Burst “Gap” for y
Carrier Periods
(LED ON)
Done Repeating
?
Decrement Repeat
Counter
Y
N
Y
Interrupt
Simplified Flow Diagram for Remote Control
(With Repeated Sub-Pattern)
Delay
(0ms to 2.55s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com