Electronic Components Datasheet Search
  English  ▼

X  

TMD49037 Datasheet(PDF) 69 Page - OSRAM GmbH

Part # TMD49037
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD49037 Datasheet(HTML) 69 Page - OSRAM GmbH

Back Button TMD49037 Datasheet HTML 65Page - OSRAM GmbH TMD49037 Datasheet HTML 66Page - OSRAM GmbH TMD49037 Datasheet HTML 67Page - OSRAM GmbH TMD49037 Datasheet HTML 68Page - OSRAM GmbH TMD49037 Datasheet HTML 69Page - OSRAM GmbH TMD49037 Datasheet HTML 70Page - OSRAM GmbH TMD49037 Datasheet HTML 71Page - OSRAM GmbH TMD49037 Datasheet HTML 72Page - OSRAM GmbH TMD49037 Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
Page 68
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Application Information
Complete patterns can also be automatically reburst from
1 to 254 times or continuously. Complete patterns can also be
separated by a pause, or time delay, as generated by the logic
in the green block. The entire pattern consists of a multiple of
complete patterns and pause delays. During this length of time
the entire pattern is bursting the IBUSY bit is set. Upon
completion the IBUSY bit is cleared and the interrupts are set.
Figure 79:
Entire Pattern Waveform
Entire Pattern: Complete patterns can also be separated by a pause, or time delay, as generated by the logic in
the green block. The entire pattern consists of a multiple of complete patterns and pause delays. During the
length of time the entire pattern is bursting, the PBUSY bit is set.
Refer to the Remote Control Engine diagram which depicts the
how the engine functions in great detail.
Pause
Pause
Pause
“Entire” Pattern
Entire Pattern Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com