Electronic Components Datasheet Search
  English  ▼

X  

TMD49037 Datasheet(PDF) 73 Page - OSRAM GmbH

Part # TMD49037
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD49037 Datasheet(HTML) 73 Page - OSRAM GmbH

Back Button TMD49037 Datasheet HTML 69Page - OSRAM GmbH TMD49037 Datasheet HTML 70Page - OSRAM GmbH TMD49037 Datasheet HTML 71Page - OSRAM GmbH TMD49037 Datasheet HTML 72Page - OSRAM GmbH TMD49037 Datasheet HTML 73Page - OSRAM GmbH TMD49037 Datasheet HTML 74Page - OSRAM GmbH TMD49037 Datasheet HTML 75Page - OSRAM GmbH TMD49037 Datasheet HTML 76Page - OSRAM GmbH TMD49037 Datasheet HTML 77Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
Page 72
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Application Information
Figure 83:
Practical Example
Practical Example: Device registers and RAM are loaded with values to generate a real remote control waveform.
1
ADDRESS
2
3
5
T_DATA
0
0x01
0x22
0x23
0x32
0x24
0x05
Pattern Table
Example
1. Carrier Frequency: 38kHz (TCAR = 26us)
2. Duty Cycle = 25%
3. Non-repeat count=5 (LEDON-LEDOFF)
334-177, 22-22, 22-60, 60-22, 22-1541
4. Repeat count=2 (LEDON-LEDOFF)
334-88 22-3694
Run 2 times
5. Repeat compete pattern 3 times.
6. Delay 100us between complete patterns.
4
6
0x26
7
0xFE
8
0x05
9
0xFF
1
T_INDEX
2
3
4
5
T_DATA
0
334
177
22
60
1541
88
Time Words Table
0x01, 0x01
I
2C Address, Data
0x00, 0x4E
0x03, 0x00
0x02, 0xB1
0x05, 0x00
0x04, 0x16
0x07, 0x00
0x06, 0x3C
0x09, 0x06
0x08, 0x05
0x0B, 0x00
0x0A, 0x58
6
3694
0x0D, 0x0E
0x0C, 0x6E
START
LED ON for 344 TCAR
LED OFF for 177 TCAR
LED ON for 22 TCAR
LED OFF for 22 TCAR
LED ON for 22 TCAR
LED OFF for 60 TCAR
LED OFF for 22 TCAR
LED ON for 60 TCAR
LED OFF for 1541 TCAR
LED ON for 22 TCAR
LED OFF for 88 TCAR
LED ON for 334 TCAR
LED OFF for 3694 TCAR
LED ON for 22 TCAR
LED OFF for 88 TCAR
LED ON for 334 TCAR
LED OFF for 3694 TCAR
LED ON for 22 TCAR
LED OFF for 88 TCAR
LED ON for 334 TCAR
LED OFF for 3694 TCAR
LED ON for 22 TCAR
x01
32
MSB points to index 0.
Index 0 data is 334. LED
will be on for 334 X TCAR
LSB points to index 2.
Index 2 data is 22. LED
will be off for 22 X TCAR
Byte following “0xFE”
becomes the starting
address of the repeated
pattern.
STOP
x05
To run two
times, must
repeat once.
IDLE
Delay 100us
Pattern
Delay 100us
Pattern
Delay 100us
IDLE
To run
complete
pattern three
times, must
repeat twice.
Carrier Frequency:
IBT = 0x68 (26us/250ns)
Duty Cycle:
ICONFIG2 = 0x02
“Repeated sub-pattern” Repeat count=2:
ISNL = 0x01
“Complete sub-pattern” Repeat count=3:
IPNL = 0x02
Delay 100us between complete patterns:
IPOFF = 0x0A (100us/10us)
START:
Write a 0x02 to ISTART.
LEDON for 572us
LEDOFF for 96ms
Pause
Pause
Pause
Output:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com