Electronic Components Datasheet Search
  English  ▼

X  

TMG39925 Datasheet(PDF) 60 Page - OSRAM GmbH

Part # TMG39925
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39925 Datasheet(HTML) 60 Page - OSRAM GmbH

Back Button TMG39925 Datasheet HTML 56Page - OSRAM GmbH TMG39925 Datasheet HTML 57Page - OSRAM GmbH TMG39925 Datasheet HTML 58Page - OSRAM GmbH TMG39925 Datasheet HTML 59Page - OSRAM GmbH TMG39925 Datasheet HTML 60Page - OSRAM GmbH TMG39925 Datasheet HTML 61Page - OSRAM GmbH TMG39925 Datasheet HTML 62Page - OSRAM GmbH TMG39925 Datasheet HTML 63Page - OSRAM GmbH TMG39925 Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
ams Datasheet
Page 59
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
RGBC Data Registers (0x94 − 0x9B)
Red, green, blue, and clear data is stored as 16-bit values. The
read sequence must read byte pairs (low followed by high)
starting on an even address boundary (0x94, 0x96, 0x98, or
0x9A) inside the RGBC Data Register block. When the lower byte
register is read, the upper eight bits are stored into a shadow
register, which is read by a subsequent read to the upper byte.
The upper register will read the correct value even if additional
ADC integration cycles end between the reading of the lower
and upper registers.
Figure 59:
RGBC Data Registers
Note(s):
1. When reading register contents, a read of the lower byte data automatically latches the corresponding higher byte data (16 bit
latch). This feature guarantees that the high byte value has not been updated by the ADC between I²C reads. In addition, reading
CDATAL register not only latches CDATAH but also latches all eight RGBC register simultaneously (64 bit latch).
Proximity Data Registers (PDATA 0x9C)
Proximity data is stored as an 8-bit value.
Figure 60:
Proximity Data Registers
Registers
Address
Bits
Description
CDATAL
0x94
7:0
Clear Data Low Byte
CDATAH
0x95
7:0
Clear Data High Byte
RDATAL
0x96
7:0
Red Data Low Byte
RDATAH
0x97
7:0
Red Data High Byte
GDATAL
0x98
7:0
Green Data Low Byte
GDATAH
0x99
7:0
Green Data High Byte
BDATAL
0x9A
7:0
Blue Data Low Byte
BDATAH
0x9B
7:0
Blue Data High Byte
765
432
1
0
PDATA
Registers
Address
Bits
Description
PDATA
0x9C
7:0
Proximity Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com