Electronic Components Datasheet Search
  English  ▼

X  

TMG39925 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TMG39925
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39925 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TMG39925 Datasheet HTML 6Page - OSRAM GmbH TMG39925 Datasheet HTML 7Page - OSRAM GmbH TMG39925 Datasheet HTML 8Page - OSRAM GmbH TMG39925 Datasheet HTML 9Page - OSRAM GmbH TMG39925 Datasheet HTML 10Page - OSRAM GmbH TMG39925 Datasheet HTML 11Page - OSRAM GmbH TMG39925 Datasheet HTML 12Page - OSRAM GmbH TMG39925 Datasheet HTML 13Page - OSRAM GmbH TMG39925 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
ams Datasheet
Page 9
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Electrical Characteristics
Figure 10:
Gesture Characteristics, VDD = 3 V, TA = 25ºC, GEN = 1 (unless otherwise noted)
Note(s):
1. Each N/S or E/W pair requires a conversion time of 696.6
μs. For all four directions the conversion requires twice as much time.
2. This parameter ensured by design and characterization and is not 100% tested.
3. Value may be as much as 1.36μs longer than specified.
4. GLDRIVE current may vary from the typical value. LEDBOOST multiplies LDR current by the percentage selected.
5. This is the percent mismatch between the N, S, W, and E channels. No glass or aperture above the module.
6. Number of data samples is 128. This is the standard deviation expressed as percent of full scale signal.
Parameter
Conditions
Min
Typ
Max
Units
ADC conversion time step size (1)
1.39
ms
LED pulse count (2)
GPULSE
1
64
pulses
LED pulse width (3)
GPLEN = 0
4.0
μs
GPLEN = 1
8.0
GPLEN = 2
16.0
GPLEN = 3
32.0
LED drive current (4)
GLDRIVE = 0
100
mA
GLDRIVE = 1
50
GLDRIVE = 2
25
GLDRIVE = 3
12.5
LEDBOOST = 0
100
%
LEDBOOST = 1
150
LEDBOOST = 2
200
LEDBOOST = 3
300
Photodiode relative deviation (5)
-12
12
%
Gesture noise (6)
GPULSE: 16 Pulses,
GPLEN: 8 μs,
GGAIN: 4x,
GLDRIVE = 0,
LEDBOOST = 0
0.78
1.25
% full
Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com