Electronic Components Datasheet Search
  English  ▼

X  

TMG39925 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMG39925
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39925 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMG39925 Datasheet HTML 4Page - OSRAM GmbH TMG39925 Datasheet HTML 5Page - OSRAM GmbH TMG39925 Datasheet HTML 6Page - OSRAM GmbH TMG39925 Datasheet HTML 7Page - OSRAM GmbH TMG39925 Datasheet HTML 8Page - OSRAM GmbH TMG39925 Datasheet HTML 9Page - OSRAM GmbH TMG39925 Datasheet HTML 10Page - OSRAM GmbH TMG39925 Datasheet HTML 11Page - OSRAM GmbH TMG39925 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
ams Datasheet
Page 7
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Electrical Characteristics
Note(s):
1. Values are shown at the VDD pin and do not include current through the IR LED.
2. Current consumption during an LDR pulse is referenced as “IDEVICE ANALOG” later in this document when calculating average power
consumption.
3. Current consumption by the device during sleep is also used to approximate “IDEVICE DRIVE” referenced later in this document when
calculating average power consumption.
4. Sleep state occurs when PON = 0 and I2C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
Figure 8:
Optical Characteristics (RGBC), VDD = 3V, TA = 25ºC
Note(s):
1. The 465nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: dominant wavelength
λD = 465nm, spectral halfwidth Δλ½ = 22nm.
2. The 525nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: dominant wavelength
λD = 525nm, spectral halfwidth Δλ½ = 35nm.
3. The 615nm input irradiance is supplied by a AlInGaP light-emitting diode with the following characteristics: dominant wavelength
λD = 615nm, spectral halfwidth Δλ½ = 15nm.
ILEAK
Leakage current, SDA,
SCL, INT pins
−5
5
μA
Leakage current, LDR
pin
−10
10
VIH
SCL, SDA input high
voltage
TMG39921
TMG39925
0.7 VDD
V
TMG39923
TMG39927
1.26
VIL
SCL, SDA input low
voltage
TMG39921
TMG39925
0.3 VDD
V
TMG39923
TMG39927
0.54
Parameter
Test
Conditions
Ratio of Color to Clear Channel
Red
Channel
Green
Channel
Blue
Channel
Min
Max
Min
Max
Min
Max
Color ADC count value
ratio: Color/Clear
White LED, 2700 K
45%
65%
19%
39%
15%
40%
λD = 465 nm
(1)
0%
15%
10%
42%
70%
90%
λD = 525 nm
(2)
4%
25%
60%
85%
10%
45%
λD = 615 nm
(3)
80%
110%
0%
14%
5%
24%
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com