Electronic Components Datasheet Search
  English  ▼

X  

5413 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 5413
Description  4/2 way solenoid valve for pneumatic applica-tions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

5413 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  5413 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Type 5413
5 | 14
Visit product website 
3.
Circuit functions
Circuit functions
Description
14
12
2(B)
4(A)
1(P)
3(R)
Type: G, solenoid valve
4/2 way
servo-controlled
normally open
3.1. Circuit function Type: G, solenoid valve
Overview
Description
P
A
R
B
P
A
R
B
Position power-off:
Normally both servo pistons are relieved on the operating side. The servo
pistons are pushed apart with the pressure applied on the port (P), the upper
piston opens the connection from (P) to (B), and the lower piston opens the
connection from (A) to (R).
Position after switching on the current:
The pilot valve opens the pilot bore and exposes both pistons to pressure and
pushes them towards the valve centre. The upper piston released the connec-
tion (B) to (R), the lower piston opens the connection (P) to (A).
4.
Materials
4.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com