Electronic Components Datasheet Search
  English  ▼

X  

5413 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 5413
Description  4/2 way solenoid valve for pneumatic applica-tions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

5413 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 5413 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Type 5413
11 | 14
Visit product website 
8.3. Ordering chart
Standard version with manual override and NBR seal
Note:
• Please note that the cable plug has to be ordered separately, see “Cable plug Type 2513, Form A according to DIN EN
175301 - 803” on page 12 or separate data sheet Type 2513 .
• Please note that the cable plug has to be ordered separately, see “Cable plug Type 2518, Form A according to DIN EN
175301 - 803” on page 12 or separate data sheet Type 2518 .
• To switch a pressure difference of 1 bar is required.
Circuit function
Nominal
diameter
Port
connection
Q
Nn value
air1.)
Pressure
range2.)
Power con-
sumption
Voltage/
Frequency
Article no.
[mm]
[inch]
[l/min]
[bar]
[W]
[V/Hz]
Type: G, solenoid valve
4/2 way
servo-controlled
normally open
14
12
2(B)
4(A)
1(P)
3(R)
6.0
G ¼
900
1…10
2
024/DC
134615 
024/50…60
134616 
110/50…60
134617 
230/50…60
134618 
1.) Flow rate: Q
Nn value air: measurement at + 20 °C, 6 bar pressure at valve inlet, 1 bar pressure difference
2.) Pressure data: overpressure to atmospheric pressure
ATEX/IECEx version with manual override, NBR seal and moulded 3 m cable
Note:
• The maximum medium temperature must not exceed the permissible temperature class (T4: 135 °C, T5: 100 °C, T6: 85 °C)
minus 5 K in any case.
• A pressure difference of 1 bar is required for switching.
Circuit function
Nominal
diameter
Port con-
nection
Q
Nn value
air1.)
Pressure
range2.)
Power con-
sumption
Voltage/Fre-
quency
Article no.
[mm]
[inch]
[l/min]
[bar]
[W]
[V/Hz]
Type: G, solenoid valve
4/2 way
servo-controlled
normally open
14
12
2(B)
4(A)
1(P)
3(R)
6.0
G ¼
900
1…10
3
024/DC
350437 
110/UC
350438 
230/UC
350439 
1.) Flow rate: Q
Nn value air: measurement at + 20 °C, 6 bar pressure at valve inlet, 1 bar pressure difference
2.) Pressure data: overpressure to atmospheric pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com