Electronic Components Datasheet Search
  English  ▼

X  

5413 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 5413
Description  4/2 way solenoid valve for pneumatic applica-tions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

5413 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 5413 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 5413 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Type 5413
6 | 14
Visit product website 
4.2. Material specifications
1
2
3
4
5
6
7
8
10
11
12
9
No. Element
Material
1
Nut
Steel, surface thick-film passivat-
ed (brass version) Stainless steel
1.4305 PTFE coated
2
Coil
Standard: Polyamide, epoxy
Ex version: epoxy
3
Stopper
1.4105
4
Magnet core
1.4105
5
Flange
Steel, surface thick-film passivat-
ed (brass version) Stainless steel
1.4301 (stainless steel version)
6
Core seal
FKM
7
Seal poppet
NBR
8
Poppet
Plastic
9
Moulded-in thread
Brass
10
Seal poppet
NBR
11
Body
Polyamide (reinforced)
12
Seal poppet
NBR
13
Poppet
Plastic
14
Seal poppet
NBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com