Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  3/2 way solenoid valve for pneumatic applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Type 6510
3 | 7
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 4.
Material
Body
PPS, PA
Seal
FKM, NBR
Nominal diameter
DN 2.5 mm
Manual override
Standard
Performance data
Duty cycle
Continuous operation (100 % ED)
Response times
(Measurement acc. to ISO 12238)
Opening: < 15 ms
Closing: < 10 ms
Electrical data
Operating voltages
24 V DC
Voltage tolerance
± 10 %
Protection class
3 acc. to VDE 0580
Nominal power
0.8 W
Medium data
Medium
Lubricated, oilfree, dry compressed air; neutral gases (5μm filter recommended)
Medium temperature
0 °C…50 °C
Process/Port connection & communication
Port connection
Flange for MP01
Electric connection on valve
Rectangular plug, 2 pin, with raster 5.08 mm
Environment and installation
Installation position
As required, preferably with actuator upright
Ambient temperature
0 °C…55 °C
Degree of protection
IP40
2.
Circuit functions
Circuit functions
Description
2(A)
1(P)
3(R)
12
Type: C, solenoid valve
3/2 way
Servo-controlled, with manual mode
Normally closed
2(B)
1(P)
3(R)
10
Type: D, solenoid valve
3/2 way
Servo-controlled, with manual mode
Normally open
3.
Materials
3.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com