Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  3/2 way solenoid valve for pneumatic applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Type 6510
6 | 7
Visit product website 
5.4. Ordering chart pneumatic module Type MP01 (for 3/2 way valve)
Modules Type MP01
Article no.
Connector module right, G ⅛
132409 
Connector module, without supply, left
132405 
Basic model 2 valves, push-in connection Ø 4 mm
132414 
Basic model 3 valves, push-in connection Ø 4 mm
132416 
Basic model 12 valves, push-in connection Ø 4 mm
132418 
5.5. Ordering example complete valve blocks (Type 6510 with Type MP01)
Note:
Please order the modules for block assembly from right to left (according to the example).
No.
Unit
Article no.
1
Connector module, right, G ⅛
132409 
1
Basic module, 2 valves, push-in connection Ø 4 mm
132414 
1
Basic module, 3 valves, push-in connection Ø 4 mm
132416 
1
Connector module, without supply, left
132405 
5
Valves
134281 
5.6. Ordering chart accessories
Version
Feature
Article no.
Closing plug
for plug-in coupling Ø 4 mm
781664 
Blanking plug
G ⅛
631019 
Rectangular cable plug
with 3 m cable
133486 
Rectangular cable plug
with 300 mm flying leads
644068 
Rectangular cable plug
with 2 single contacts
644067 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com