Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  3/2 way solenoid valve for pneumatic applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Type 6510
5 | 7
Visit product website 
5.
Ordering information
5.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
5.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
5.3. Ordering chart valves (3/2 way valve)
Circuit function
Orifice
Q
Nn value
air1.)
Pressure
range2.)
Voltage/
Frequency
Manual over-
ride
Article no.
plug contact
at rear3.) for
Valve island
Type 8640
Article no.
plug contact
in front4.) for
valve block
[mm]
[l/min]
[bar]
[V/Hz]
Type: C, solenoid
valve
3/2 way
Servo-controlled, with
manual mode
Normally closed
2(A)
1(P)
3(R)
12
2.5
130
2.5…10
24 V DC
with
184041 
184313 
none
184307 
187605 
Type: D, solenoid
valve
3/2 way
Servo-controlled, with
manual mode
Normally open
2(B)
1(P)
3(R)
10
2.5
130
2.5…10
24 V DC
with
—
184314 
none
184309 
—
1.) Measured at + 20 °C, 6 bar pressure at valve inlet and 1 bar pressure difference
2.) Overpressure to the atmospheric pressure
3.) At rear: Plug connection on flange side
4.) In front: Plug connection offset at 180º to flange



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com