Electronic Components Datasheet Search
  English  ▼

X  

6510 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 6510
Description  Multi-Way Valves for Pneumatics servo-assisted, extendable, 10 mm wide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6510 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  6510 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Type 6510 / 6511
Multi-Way Valves for Pneumatics
servo-assisted, extendable, 10 mm wide
Scope of delivery:
All valves with NBR and FPM seal material; sub-base version with mounting screws and
sub-base seal; with rectangular plug on top; without electrical plug (see accessories)
Ordering chart type 6510/6511 (other versions on request)
Ordering chart pneumatic modules types MP01 (for type 6510) and MP02 (for type 6511)
Type 6510 and 6511
Circuit
Orifice
Flow rate
Pressure
Voltage/
Electrical
Item No.
Item No.
function/type
QNn value
range
frequency
power
with
without
air
consumption
manual override
manual override
[mm]
[l/min]
[bar]
[V/Hz]
[W]
C/Type 6510
2.5
130
2,5 - 7
24/DC
0.5
139 411 R
139 412 J
H/Type 6511
2,5
130
2,5 - 7
24/DC
0.5
139 413 K
139 414 L
Module type MP01, 3/2-way (type 6510)
Item No.
Modules type MP01, 3/2-way (type 6510)
Item No.
Connector module left, G 1/8“
132 408 Y
Connector module left, NPT 1/8“
133 464 Q
Basic module 2 valves basis, M5
132 413 C
Connector module left, plug-in coupling ø 8 mm
132 411 A
Basic module 2 valves basis, plug-in coupling ø 4 mm
132 414 D
Terminating module without supply port, left
132 405 M
Basic module 3 valves basis, M5
132 415 E
Connector module right, G 1/8“
132 409 Z
Basic module 3 valves basis, plug-in coupling ø 4 mm
132 416 F
Connector module right, NPT 1/8“
133 465 R
Basic module 12 valves basis, M5
132 417 G
Connector module right, plug-in coupling ø 8 mm
132 412 B
Basic module 12 valves basis, plug-in coupling ø 4 mm
132 418 R
Module type MP02, 5/2-way (type 6511)
Item No.
Module type MP02, 5/2-way (type 6511)
Item No.
Connector module left, G 1/8“
135 005 J
Connector module left, NPT 1/8“
134 742 X
Basic module 2 valves basis, M5
135 010 J
Connector module left, plug-in coupling ø 8 mm
135 006 K
Basic module 2 valves basis, plug-in coupling ø 4 mm
135 011 F
Terminating module without supply port, left
135 007 L
Basic module 3 valves basis, M5
135 012 G
Connector module right, G 1/8“
135 008 V
Basic module 3 valves basis, plug-in coupling ø 4 mm
134 744 Z
Connector module right, NPT 1/8“
134 743 Y
Basic module 12 valves basis, M5
135 013 H
Connector module right, plug-in coupling ø 8 mm
135 009 W
Basic module 12 valves basis, plug-in coupling ø 4 mm
135 014 A
Ordering chart accessories
Version
Characteristics
Item No.
Blanking plug
for plug-in coupling ø 4 mm
781 664 A
Blanking screw
G 1/8“
631 019 Y
Silencer
G 1/8“
780 779 Y
Covering plate, complete
for left-free valve spaces on MP01
642 148 R
Covering plate, complete
for left-free valve spaces on MP02
642 156 H
Rectangular plug connector, straight, with 3 m cable
for electrical single connection of valves
133 486 F
Rectangular plug connector, with flying leads, 300mm length
for individual single wiring
644 068 N



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com