Electronic Components Datasheet Search
  English  ▼

X  

6510 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 6510
Description  Multi-Way Valves for Pneumatics servo-assisted, extendable, 10 mm wide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6510 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  6510 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Type 6510 / 6511
Multi-Way Valves for Pneumatics
servo-assisted, extendable, 10 mm wide
Technical data type 6510 / 6511 Ex
C 3/2 way valve type 6510,
in de-energized position
port 2 exhausted
Specifications
1) Measured at 6 bar input pressure and 1 bar pressure drop at the valve and at +20 ˚C.
2) All pressure data as overpressure to ambient atmospheric pressure.
Valve specifications
Solenoid specifications
Valve body
Polyamide (PA)
Sealing material
FPM and NBR
Media
Lubricated or
unlubricated compressed
air, neutral gases
Media temperature
–10 up to +50
°C
Ambient temperature
–10 up to +60
°C
Response times3)
Open (On)
23 ms
Close (Off)
27 ms
• Port connections
Sub base
at the valve
• Supply ports 1/3/5 at
Threaded port G 1/8 or
the connection module
plug-in coupling ø 8 mm
• Service ports 2/4 at
Threaded port M5 or
the pneumatic module
plug-in coupling ø 4 mm
3) Measured at connection 2; time from electrical switching to pressure
increase to 90 % (opening) or pressure drop to 10 % (closing)
of operational pressure (6 bar).
Operating voltage
24 V/DC
Voltage tolerance
±10 %
Electrical
power consumption
0.5 W
Duty cycle
100 % continuously rated
Electr. connection
Rectangular plug, 2 pole
on top or downwards
Rating
IP 40 (with rectangular plug
connection)
Ex-approval
EEx ia IIC T6
H 5/2 way valve type 6511,
in de-energized position
pressure port 1 connected to
port 2, port 4 exhausted
Circuit function
Orifice
Flow rate1)
Pressure
All
Service
Supply
QNn-value air
range2)
port connections
ports
ports
at the back
2 and 4 at the
1/3/5 at the
[mm]
[l/min]
[bar]
of the valve
pneumatic module
connection module
C (3/2)
2,5
130
2,5 - 7
sub-base
M5 or
G 1/8 or
H (5/2)
2,5
130
2,5 - 7
sub-base
plug-in coupling
plug-in coupling
ø 4 mm
ø 8 mm
12
10
12
14
Circuit function
Symbol
Symbol
Circuit function
Installation
• Preferably on multistation module assembly
• Block assembly on MP01 or MP02
with DIN/EN-rail 50045
Mounting position
any, preferably solenoid
system upright
Electrical specifications
Power supply only from certified intrinsically safe
circuits with following max. valves:
Explosion group
IIC
Max. safety voltage
U = 28 V
Max. safety current
I = 115 mA
Consumption of energy
P = 0.7 W
for block mounting
(ambient temperature +40
°C)
Consumption of energy
P = 0.7 W
for single mounting
(ambient temperature +55
°C)
P = 0.8 W
(ambient temperature +50
°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com