Electronic Components Datasheet Search
  English  ▼

X  

6510 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 6510
Description  Multi-Way Valves for Pneumatics servo-assisted, extendable, 10 mm wide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6510 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  6510 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6510 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type 6510 /6511
Multi-Way Valves for Pneumatics
servo-assisted, extendable, 10 mm wide
3/2 and 5/2 way valves
Flow rates: 130 l/min; M5 and Legris ø 4 mm
Advantages / Benefits
EEx-ia-II C T6 approval
Optimal system solutions
due to the high level of
modularity
Long service life even with
non-lube conditions
Pre-tested and supplied
"easy to connect"
No individual valve wiring
Separate electrical circuits
for the electronics and the
valves.
Field bus compatible
Low installation costs
Corrosion resistant
Applications
For integration as control valve
on process valve
In hazardous area
• Food and beverage
• Pharmaceutical processing
equipment
• Cosmetic processing
equipment
• Textile dyeing / drying
machines
• Sterilizers
• Water treatment / processing
equipment
• Pulp and paper processing
equipment
Design/Function
Types 6510/6511 Ex are with high
switch reliability diaphragm valves in
3/2 and 5/2 way versions.
The valve consists of a diaphragm
reinforcement as main valve and a
10 mm rocker solenoid valve with
DC-coil as pilot.
The valve module system is suitable
for a wide variety of complex control
applications, with the logical, modu-
lar construction in respect of its
electrical and fluid interfaces.
Types 6510 and 6511 are expandable
and preferably suitable for valve
blocks with plug connection at the
back, or in front by easily turning the
pilot valve 180
° .
The electrical connections can be
made either via common
connections, Multipole or field bus
interfaces.
Fluid Control Systems
The operation principle allows to
switch high pressures in spite of
small electrical performances.
The valve range allows many diffe-
rent application possibilities with
regard to controller, dimensions,
flow and performance. The valves
can easily be interchanged.
The housing and connecting
modules are made of high quality
thermoplastic, and are easy to
connect or disconnect with the
integrated latching techique.
The block assembly takes place with
use of the pneumatic modules MP01
(for type 6510) and MP02 (for type
6511) through integrated lock
technology and screwing.


Similar Part No. - 6510

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6510 POMONA-6510 Datasheet
56Kb / 1P
BNC to BNC, True 75 Ohm
logo
Broadcom Corporation.
6510 BOARDCOM-6510 Datasheet
263Kb / 6P
Flexible, Easy-to-Use Enterprise-Class SAN Switch for Private Cloud Storage
logo
Christian Bürkert GmbH ...
6510 BURKERT-6510 Datasheet
640Kb / 7P
3/2 way solenoid valve for pneumatic applications
06.08.2021
logo
Aries Electronics, Inc.
651000 ARIES-651000 Datasheet
722Kb / 1P
Allows the use of 0.65mm pitch surface-mount ICs in thru-hole designs
logo
Wurth Elektronik GmbH &...
651005136421 WURTH-651005136421 Datasheet
441Kb / 2P
WR-COM - VERTICAL MINI USB 2.0 TYPE B 5 CONTACTS
More results

Similar Description - 6510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4307-A ETC2-4307-A Datasheet
265Kb / 4P
STANDARD VALVES
4019-A ETC2-4019-A Datasheet
147Kb / 4P
VALVES TRIODES
logo
Sensortechnics GmbH
LQX122W12FFFS000 SENSORTECHNICS-LQX122W12FFFS000 Datasheet
202Kb / 5P
12 mm isolated diaphragm solenoid valves
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
16 mm isolated diaphragm solenoid valves
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
X103SFB SENSORTECHNICS-X103SFB Datasheet
91Kb / 4P
8 mm switching soleniod valves
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
Industrial Solenoid Valves
logo
WAGO Kontakttechnik Gmb...
757-000 WAGO-757-000 Datasheet
45Kb / 3P
Spacer module for sensor/actuator box; 10-way
859-410-000-006 WAGO-859-410-000-006 Datasheet
70Kb / 3P
Jumper; for jumper slot; 10-way; insulated; blue
logo
CamdenBoss Ltd.
CMEB CAMDENBOSS-CMEB Datasheet
799Kb / 3P
Extendable DIN Rail Terminal Enclosure
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com