Electronic Components Datasheet Search
  English  ▼

X  

7604 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 7604
Description  Micro diaphragm pump for continuous pumping
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7604 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  7604 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Type 7604
3 | 10
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 5.
Materials
Fluid housing
PEEK
Seals
FFKM
Reproducibility
± 5 %1.)
Mounting pitch
11 mm
Pump frequency
8…40 Hz
Life cycle (max.)
> 1 billion (109)
Performance data
Flow rate
Min. 1 ml/min1.) 2.)
Max. > 5 ml/min1.) 2.)
Flow rate at 35 Hz
≥ 4.5 ml/min1.) 2.)
Output pressure
> 200 mbar3.)
Suction pressure (dry pump)
> 100 mbar
Electrical data
Nominal voltage
12/24 V DC, pulsating with max. 40 Hz (use impulse generator)
Duty cycle 50:50
Voltage tolerance
± 10 %
Power consumption (max.)
1.5 W (P
eff = 400 mW)
Medium data
Medium
Resistant to neutral and aggressive liquids (see “3.1. Chemical Resistance Chart –
Bürkert resistApp” on page 4)
Suitable for particles < 20 μm4.)
Mediumtemperature
+ 10 °C…+ 60 °C
Product connections
Port connection
Bürkert flange
Hose connector Ø 2.8 mm
UNF ¼”-28
Electrical connection
Rectangular plug Type 2505 , flying leads
Environment and installation
Installation position
As required, preferably with flange downwards
Ambient temperature
+ 10 °C…+ 55 °C
Protection class
IP40 (IP30 with rectangular plug Type 2505)
1.) At 22 °C, purified water, related to the individual pump
2.) The flow rate depends on the individual operating conditions
3.) Pressure: overpressures with respect to atmospheric pressure
4.) The use of a suitable filter is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com