Electronic Components Datasheet Search
  English  ▼

X  

7604 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 7604
Description  Micro diaphragm pump for continuous pumping
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7604 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  7604 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Type 7604
5 | 10
Visit product website 
3.2. Material specifications
3
4
2
7
6
1
5
No. Element
Material
1
Coil
PA
2
Check valve (medium contact)
FFKM
3
Fixing screw
Steel
(hardened and tempered)
4
Fluid housing (medium contact)
PEEK
5
Moulded seal (medium contact)
FFKM
6
Fluidic (medium contact)
PEEK
7
Diaphragm (medium contact)
FFKM
4.
Dimensions
4.1. Flange version (FB05) with rectangular plug
Note:
Dimensions in mm
19.3
18.4
M1.6x5
5.08
25.8
Alternative position for
fixing screw M1.6
max. Ø1.4
21.5
8
Flange configuration for manifold
alternative



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com