Electronic Components Datasheet Search
  English  ▼

X  

7604 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 7604
Description  Micro diaphragm pump for continuous pumping
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7604 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 7604 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 7604 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Type 7604
8 | 10
Visit product website 
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
7.3. Ordering chart
Note:
The scope of delivery for rectangular plug devices is without plug connector, see “7.4. Ordering chart accessories” on page 9
Port connection
Seal
material
Body
material
Electrical connection
Voltage
Article no.
Flange
FFKM
PEEK
Rectangular plug
24 V
156992 
Rectangular plug with integrated
impulse generator
24 V
161399 
Rectangular plug
12 V
169489 
Rectangular plug with integrated
impulse generator
12 V
208104 
Hose connector Øa= 2.8 mm
FFKM
PEEK
Rectangular plug
24 V
156993 
Rectangular plug with integrated
impulse generator
24 V
161398 
Rectangular plug
12 V
171568 
Rectangular plug with integrated
impulse generator
12 V
246567 
UNF ¼-28
FFKM
PEEK
Rectangular plug
24 V
155781 
Rectangular plug with integrated
impulse generator
24 V
163782 
Flying leads
24 V
189519 
Rectangular plug
12 V
164991 
Rectangular plug with integrated
impulse generator
12 V
183561 
Flying leads
12 V
210613 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com