Electronic Components Datasheet Search
  English  ▼

X  

56F8323 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # 56F8323
Description  16-bit Digital Signal Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8323 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button 56F8323 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 140 page
background image
56F8323 Technical Data, Rev. 17
90
Freescale Semiconductor
Preliminary
6.5.6.3
IRQ—Bit 10
This bit controls the pull-up resistors on the IRQA pin.
6.5.6.4
Reserved—Bits 9–4
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.6.5
JTAG—Bit 3
This bit controls the pull-up resistors on the TRST, TMS, and TDI pins.
6.5.6.6
Reserved—Bits 2–0
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.7
CLKO Select Register (SIM_CLKOSR)
The CLKO select register can be used to multiplex out any one of the clocks generated inside the clock
generation and SIM modules. The default value is SYS_CLK. All other clocks primarily muxed out are
for test purposes only, and are subject to significant unspecified latencies at high frequencies.
The upper four bits of the GPIOB register can function as GPIO, Quad Decoder #0 signals, or as additional
clock output signals. GPIO has priority and is enabled/disabled via the GPIOB_PER. If GPIOB[7:4] are
programmed to operate as peripheral outputs, then the choice between Quad Decoder #0 and additional
clock outputs is made here in the CLKOSR. The default state is for the peripheral function of GPIOB[7:4]
to be programmed as Quad Decoder #0. This can be changed by altering PHASE0 through INDEX shown
in Figure 6-9.
The CLKOUT pin is not bonded out in the device. Instead, it is offered only as a pad for die-level testing.
Figure 6-9 CLKO Select Register (SIM_CLKOSR)
6.5.7.1
Reserved—Bits 15–10
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.7.2
PHASEA0 (PHSA)—Bit 9
•
0 = Peripheral output function of GPIOB[7] is defined to be PHASEA0
•
1 = Peripheral output function of GPIOB[7] is defined to be the oscillator clock (MSTR_OSC, see
Figure 3-4)
6.5.7.3
PHASEB0 (PHSB)—Bit 8
•
0 = Peripheral output function of GPIOB[6] is defined to be PHASEB0
•
1 = Peripheral output function of GPIOB[6] is defined to be SYS_CLK2
Base + $A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
PHSA PHSB
INDEX
HOME
CLK
DIS
CLKOSEL
Write
RESET
000000
0
0
0
0
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com