Electronic Components Datasheet Search
  English  ▼

X  

56F8323 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # 56F8323
Description  16-bit Digital Signal Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8323 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button 56F8323 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8323 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 140 page
background image
56F8323 Technical Data, Rev. 17
104
Freescale Semiconductor
Preliminary
8.3 Memory Maps
The width of the GPIO port defines how many bits are implemented in each of the GPIO registers. Based
on this and the default function of each of the GPIO pins, the reset values of the GPIOX_PUR and
GPIOX_PER registers change from port to port. Tables 4-21 through 4-23 define the actual reset values
of these registers.
Part 9 Joint Test Action Group (JTAG)
9.1 JTAG Information
Please contact your Freescale sales representative or authorized distributor for device/package-specific
BSDL information.
GPIOB7
PHASEA0 / TA0
52
Quad Decoder 0 register DECCR is used to select between
Decoder 0 and Timer A
Quad Decoder is NOT available in 56F8123
GPIOC0
EXTAL
46
Pull-ups default to disabled
GPIOC1
XTAL
47
Pull-ups default to disabled
GPIOC2
CAN_RX
61
CAN is NOT available in 56F8123
GPIOC3
CAN_TX
62
CAN is NOT available in 56F8123
GPIOC4
TC3
63
GPIOC5
TC1 / RXD0
64
SIM register SIM_GPS is used to select between Timer C and
SCI0 on a pin-by-pin basis
GPIOC6
TC0 / TXD0
1
SIM register SIM_GPS is used to select between Timer C and
SCI0 on a pin-by-pin basis
Table 8-3 GPIO External Signals Map (Continued)
GPIO Function
Peripheral
Function
Package
Pin
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com