Electronic Components Datasheet Search
  English  ▼

X  

33742S Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33742S
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742S Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33742S Datasheet HTML 1Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 2Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 3Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 4Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 5Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 6Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 7Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33742
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33742 Simplified Internal Block Diagram
SPI
High-Speed 1.0 Mbps
CAN Physical Interface
SCLK
MOSI
GND
Programmable
Wake-Up Input
VSUP
TXD
RXD
L1
HS
Interrupt
Watchdog
Reset
MISO
CS
RST
WDOG
INT
Oscillator
Mode Control
HS Control
VSUP Monitor
Dual Voltage Regulator
L2
L3
L4
5.0 V / 200 mA
V1
V2CTRL
V2
CANH
CANL
V1 Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com