Electronic Components Datasheet Search
  English  ▼

X  

33742S Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33742S
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742S Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33742S Datasheet HTML 4Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 5Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 6Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 7Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 9Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 10Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 11Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33742
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Figure 5. Transient Test Setup for L0:L3 Inputs
Figure 6. Transient Test Setup for CANH/CANL
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 165
°C
Thermal Resistance
RθJG
20
°C/W
Thermal Resistance Junction Case (QFN)
RTJC-RθJC
TBD
°C/W
Power Dissipation (4)
PD
1.0
W
Peak Package Reflow Temperature During Reflow (6), (7)
TPPRT
Note 7
°C
Notes
4.
Maximum power dissipation is at 85°C ambient temperature in free aIr and with no heatsink, according to JEDEC JESD51-2 and
JESD51-3 specifications.
5.
The package is not designed for immersion soldering. The maximum soldering time is 10 seconds at 240
°C on any pin. Exceeding the
maximum temperature and time limits may cause permanent damage to the device.
6.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
7.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.
Table 4. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
Lx
Transient Pulse
GND
Generator
1.0 nF
(Note)
10 k
Ω
Note
Waveform per ISO 7637-1. Test Pulses 1, 2, 3a, and 3b.
GND
33742
CANH
CANL
Transient Pulse
GND
GND
Generator
1.0 nF
1.0 nF
(Note)
Note
Waveform per ISO 7637-1. Test Pulses 1, 2, 3a, and 3b.
33742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com