Electronic Components Datasheet Search
  English  ▼

X  

33742S Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33742S
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742S Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33742S Datasheet HTML 2Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 3Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 4Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 5Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 6Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 7Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 9Page - Freescale Semiconductor, Inc 33742S Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33742
PIN CONNECTIONS
26
V2
Voltage Source 2
Sense input for the V2 regulator using an external series pass transistor. V2 is also the
internal supply for the CAN transceiver.
27
V2CTRL
Voltage Source 2 Control
Output drive source for the V2 regulator connected to the external series pass
transistor.
28
VSUP
Voltage Supply
Supply input pin for the 33742.
29
HS
High-Side Output
Output of the internal high-side switch. The output current is internally limited to 150 mA.
30-33
L0-L3
Level 0-3 Inputs
Inputs from external switches or from logic circuitry.
34
CANH
CAN High Output
CAN high output pin.
35
CANL
CAN Low Output
CAN low output pin.
Table 3. 33742 48-Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin description section beginning on page 22.
Pin
Pin Name
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com