Electronic Components Datasheet Search
  English  ▼

X  

33889 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33889
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Reset threshold 1
Default value after reset. (15)
VRST-TH1
4.5
4.6
4.7
V
Reset threshold 2 (15)
VRST-TH2
4.1
4.2
4.3
V
Reset duration
RESET-DUR
0.85
1.0
2.0
ms
VDD1 range for Reset Active
VDD
1.0
-
-
V
Reset Delay Time
Measured at 50% of reset signal. (16)
tD
5.0
-
20
µs
Line Regulation
9.0 V < VSUP < 18, IDD = 10 mA
LR1
-
5.0
25
mV
Line Regulation
5.5 V < VSUP < 27 V, IDD = 10 mA
LR2
-
10
25
mV
Load Regulation
1 mA < IIDD < 200 mA
LD
-
25
75
mV
Thermal stability
VSUP = 13.5 V, I = 100 mA
THERMS
-
5.0
-
mV
V2 REGULATOR (V2) (17)
V2 Output Voltage
I2 from 2.0 to 200 mA
5.5 V < VSUP < 27 V
V2
0.99
1.0
1.01
VDD1
I2 output current (for information only)
Depending on the external ballast transistor
I2
200
-
-
mA
V2 CTRL sink current capability
I2CTRL
10
-
-
mA
V2LOW flag threshold
V2LTH
3.75
4.0
4.25
V
Internal V2 Supply Current (CAN and SBC in Normal
Mode). TX = 5.0 V, CAN in Recessive State
IV2RS
3.8
5.6
6.8
mA
Internal V2 Supply Current (CAN and SBC in Normal
Mode). TX = 0.0 V, No Load, CAN in Dominant State
IV2DS
4.0
5.8
7.0
mA
Internal V2 Supply Current (CAN in Receive Only Mode,
SBC in Normal mode). VSUP = 12 V
IV2R
80
120
µA
Internal V2 Supply Current (CAN in Bus TermVbat mode,
SBC in normal mode), VSUP = 12 V
IV2BT
35
60
µA
Notes
15.
Selectable by SPI
16.
Guaranteed by design
17.
V2 TRACKING VOLTAGE REGULATOR - V2 specification with external capacitor
- option 1: C
≥ 22 µF and ESR < 10 ohm. Using a resistor of 2 kohm or less between the base and emitter of the external PNP is
recommended.
- option2: 1.0
µF < C < 22 µF and ESR < 10 ohm. In this case depending on the ballast transistor gain an additional resistor and
capacitor network between emitter and base of PNP ballast transistor might be required. Refer to Freescale application information
or contact your local technical support.
- option 3: 10uF < C < 22uF ESR > 0.2 ohms: a resistor of 2 kohm or less is required between the base and emitter of the external PNP.
Table 4. Static Electrical Characteristics (continued).
Characteristics noted under conditions - VSUP From 5.5 V to 18 V and TJ from -40°C to 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Description
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com