Electronic Components Datasheet Search
  English  ▼

X  

34712 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34712
Description  3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34712 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34712 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34712
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
IC INPUT SUPPLY VOLTAGE (VIN)
Input Supply Voltage Operating Range
VIN
3.0
-
6.0
V
Input DC Supply Current (11)
Normal Mode: SD = 1 & STBY = 1, Unloaded Outputs
IIN
-
-
25
mA
Input DC Supply Current (11)
Standby Mode, SD = 1 & STBY = 0
IINQ
-
-
15
mA
Input DC Supply Current (11)
Shutdown Mode, SD = 0 & STBY = X
IINOFF
-
-
100
µA
INTERNAL SUPPLY VOLTAGE OUTPUT (VDDI)
Internal Supply Voltage Range
VDDI
2.35
2.5
2.65
V
BUCK CONVERTER (PVIN, SW, GND, BOOT, INV, COMP)
High-side MOSFET Drain Voltage Range
PVIN
2.5
-
6.0
V
Output Voltage Adjustment Range (12)
VOUT
0.7
-
1.35
V
Output Voltage Accuracy (12), (13), (14)
-
-1.0
-
1.0
%
Line Regulation (12)
Normal Operation, VIN = 3.0 V to 6.0 V, IOUT = ±3.0 A
REGLN
-1.0
-
1.0
%
Load Regulation (12)
Normal Operation, IOUT = -3.0 A to 3.0 A
REGLD
-1.0
-
1.0
%
Error Amplifier Common Mode Voltage Range (12), (15)
VREF
0.0
-
1.35
V
Output Undervoltage Threshold
VUVR
-1.5
-
-8.0
%
Output Overvoltage Threshold
VOVR
1.5
-
8.0
%
Continuous Output Current
IOUT
-3.0
-
3.0
A
Over Current Limit, Sinking and Sourcing
ILIM
-
4.0
-
A
Short Circuit Current Limit
(Sourcing and Sinking)
ISHORT
-
6.5
-
A
High-Side N-CH Power MOSFET (M3) RDS(ON)
(12)
IOUT = 1.0 A, VBOOT - VSW = 3.3 V
RDS(ON)HS
10
-
45
m
Ω
Low-Side N-CH Power MOSFET (M4) RDS(ON)
(12)
IOUT = 1.0 A, VIN = 3.3 V
RDS(ON)LS
10
-
45
m
Ω
Notes
11.
See section “MODES OF OPERATION”, page 14 has a detailed description of the different operating modes of the 34712
12.
Design information only, this parameter is not production tested.
13.
±1% is assured at room temperature.
14.
Overall output accuracy is directly affected by the accuracy of the external feedback network, 1% feedback resistors are recommended.
15.
The 1% output voltage regulation is only guaranteed for a common mode voltage range greater than or equal to 0.7V at room
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com