Electronic Components Datasheet Search
  English  ▼

X  

34712 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34712
Description  3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34712 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34712 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34712
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
BUCK CONVERTER (PVIN, SW, GND, BOOT)
Switching Node (SW) Rise Time (19)
(PVIN = 3.3 V, IOUT = ±3.0 A)
tRISE
-
14
-
ns
Switching Node (SW) Fall Time (19)
(PVIN = 3.3 V, IOUT = ±3.0 A)
tFALL
-
20
-
ns
Soft Start Duration
(Normal Mode)
tSS
1.3
-
2.6
ms
Over Current Limit Timer
tLIM
-
10
-
ms
Over Current Limit Retry Time-out Period
tTIMEOUT
80
-
120
ms
Output Undervoltage/Overvoltage Filter Delay Timer
tFILTER
5.0
-
25
µs
OSCILLATOR (FREQ)
Oscillator Default Switching Frequency (18)
(FREQ = GND)
FSW
-
1.0
-
MHz
Oscillator Switching Frequency Range
FSW
200
-
1000
kHz
CONTROL AND SUPERVISORY (STBY, SD, PG)
PG Reset Delay
tPGRESET
8.0
-
12
ms
Thermal Shutdown Retry Time-out Period (19)
tTIMEOUT
80
-
120
ms
Notes
18.
Oscillator Frequency tolerance is ±10%.
19.
Design information only, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com