Electronic Components Datasheet Search
  English  ▼

X  

34712 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34712
Description  3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34712 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34712 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34712
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
In modern microprocessor/memory applications, address
commands and control lines require system level termination
to a voltage (VTT) equal to 1/2 the memory supply voltage
(VDDQ). Having the termination voltage at midpoint, the power
supply insures symmetry for switching times. Also, a
reference voltage (VREF) that is free of any noise or voltage
variations is needed for the DDR SDRAM input receiver,
VREF is also equal to 1/2 VDDQ. Varying the VREF voltage will
effect the setup and hold time of the memory. To comply with
DDR requirements and to obtain best performance, VTT and
VREF need to be tightly regulated to track 1/2 VDDQ across
voltage, temperature, and noise margins. VTT should track
any variations in the DC VREF value (VTT = VREF +/- 40 mV),
(See Figure 4) for a DDR system level diagram.
The 34712 supplies the VTT and a buffered VREF output.
To ensure compliance with DDR specifications, the VDDQ line
is applied to the VREFIN pin and divided by 2 internally
through a precision resistor divider. This internal voltage is
then used as the reference voltage for the VTT output. The
same internal voltage is also buffered to give the VREF
voltage at the VREFOUT pin for the application to use without
the need for an external resistor divider. The 34712 provides
the tight voltage regulation and power sequencing/tracking
required along with handling the DDR peak transient current
requirements. Buffering the VREF output helps its immunity
against noise and load changes.
The 34712 utilizes a voltage mode synchronous buck
switching converter topology with integrated low RDS(ON)
(45 mΩ) N-channel power MOSFETs to provide a VTT voltage
with an accuracy of less than ±2.0 %. It has a programmable
switching frequency that allows for flexibility and optimization
over the operating conditions and can operate at up to
1.0 MHz to significantly reduce the external components size
and cost. The 34712 can sink and source up to 3.0 A of
continuous current. It provides protection against output over
current, overvoltage, undervoltage, and overtemperature
conditions. It also protects the system from short circuit
events. It incorporates a power-good output signal to alert the
host when a fault occurs.
For boards that support the Suspend-To-RAM (S3) and
the Suspend-To-Disk (S5) states, the 34712 offers the STBY
and the SD pins respectively. Pulling any of these pins low,
puts the IC in the corresponding state.
By integrating the control/supervisory circuitry along with
the Power MOSFET switches for the buck converter into a
space-efficient package, the 34712 offers a complete, small-
size, cost-effective, and simple solution to satisfy the needs
of DDR memory applications.
Besides DDR memory termination, the 34712 can be used
to supply termination for other active buses and graphics card
memory. It can be used in Netcom/Telecom applications like
servers. It can also be used in desktop motherboards, game
consoles, set top boxes, and high end high definition TVs.
Figure 4. DDR System Level Diagram
FUNCTIONAL PIN DESCRIPTION
REFERENCE VOLTAGE INPUT (VREFIN)
The 34712 will track 1/2 the voltage applied at this pin.
REFERENCE VOLTAGE OUTPUT (VREFOUT)
This is a buffered reference voltage output that is equal to
1/2 VREFIN. It has a 10.0 mA current drive capability. This
output is used as the VREF voltage rail and should be filtered
against any noise. Connect a 0.1 µF, 6 V low ESR ceramic
filter capacitor between this pin and the GND pin and
between this pin and VDDQ rail. VREFOUT is also used as the
reference voltage for the buck converter error amplifier.
FREQUENCY ADJUSTMENT INPUT (FREQ)
The buck converter switching frequency can be adjusted
by connecting this pin to an external resistor divider between
VDDI and GND pins. The default switching frequency (FREQ
pin connected to ground, GND) is set at 1.0 MHz.
SIGNAL GROUND (GND)
Analog ground of the IC. Internal analog signals are
referenced to this pin voltage.
VDDQ
VDDQ
VTT
VREF
BUS
DDR Memory Controller
DDR Memory Input Receiver
RS
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com