Electronic Components Datasheet Search
  English  ▼

X  

AM6754 Datasheet(PDF) 67 Page - Texas Instruments

Part # AM6754
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6754 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM6754 Datasheet HTML 63Page - Texas Instruments AM6754 Datasheet HTML 64Page - Texas Instruments AM6754 Datasheet HTML 65Page - Texas Instruments AM6754 Datasheet HTML 66Page - Texas Instruments AM6754 Datasheet HTML 67Page - Texas Instruments AM6754 Datasheet HTML 68Page - Texas Instruments AM6754 Datasheet HTML 69Page - Texas Instruments AM6754 Datasheet HTML 70Page - Texas Instruments AM6754 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 235 page
background image
Table 5-45. MCASP4 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCASP4_AFSX
IO
MCASP Transmit Frame Sync
AC26
MCASP4_AXR0
IO
MCASP Serial Data (Input/Output)
AA23
MCASP4_AXR1
IO
MCASP Serial Data (Input/Output)
AA22
MCASP4_AXR2
IO
MCASP Serial Data (Input/Output)
AB26
MCASP4_AXR3
IO
MCASP Serial Data (Input/Output)
AB27
MCASP4_AXR4
IO
MCASP Serial Data (Input/Output)
AB24
MCASP4_AXR5
IO
MCASP Serial Data (Input/Output)
AC27
MCASP4_AXR6
IO
MCASP Serial Data (Input/Output)
AA25
MCASP4_AXR7
IO
MCASP Serial Data (Input/Output)
AB25
MCASP4_AXR8
IO
MCASP Serial Data (Input/Output)
G27
MCASP4_AXR9
IO
MCASP Serial Data (Input/Output)
G26
5.3.16 MCSPI
5.3.16.1 MAIN Domain
Table 5-46. MCSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
SPI0_CLK
IO
SPI Clock
D20
SPI0_CS0
IO
SPI Chip Select 0
B20
SPI0_CS1
IO
SPI Chip Select 1
C20
SPI0_CS2
IO
SPI Chip Select 2
E22
SPI0_CS3
IO
SPI Chip Select 3
B21
SPI0_D0
IO
SPI Data 0
E19
SPI0_D1
IO
SPI Data 1
E20
Table 5-47. MCSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
SPI1_CLK
IO
SPI Clock
H22, M26
SPI1_CS0
IO
SPI Chip Select 0
H24, L21
SPI1_CS1
IO
SPI Chip Select 1
A24, K22
SPI1_CS2
IO
SPI Chip Select 2
H20
SPI1_CS3
I
SPI Chip Select 3
B24
SPI1_D0
IO
SPI Data 0
H25, N27
SPI1_D1
IO
SPI Data 1
J23, M27
Table 5-48. MCSPI2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
SPI2_CLK
IO
SPI Clock
A22, B24, F24
SPI2_CS0
IO
SPI Chip Select 0
C27, D23, H22
SPI2_CS1
IO
SPI Chip Select 1
C24, D25, H25
SPI2_CS2
IO
SPI Chip Select 2
B22, B25, H24
SPI2_CS3
IO
SPI Chip Select 3
A23, C26, J23
SPI2_D0
IO
SPI Data 0
A25, F19, H20
www.ti.com
AM67, AM67A
SPRSPA3 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com