Electronic Components Datasheet Search
  English  ▼

X  

AM6754 Datasheet(PDF) 12 Page - Texas Instruments

Part # AM6754
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6754 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM6754 Datasheet HTML 8Page - Texas Instruments AM6754 Datasheet HTML 9Page - Texas Instruments AM6754 Datasheet HTML 10Page - Texas Instruments AM6754 Datasheet HTML 11Page - Texas Instruments AM6754 Datasheet HTML 12Page - Texas Instruments AM6754 Datasheet HTML 13Page - Texas Instruments AM6754 Datasheet HTML 14Page - Texas Instruments AM6754 Datasheet HTML 15Page - Texas Instruments AM6754 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 235 page
background image
An empty box means Not Applicable.
12. HYS: Indicates if the input buffer associated with this I/O has hysteresis:
• Yes: With hysteresis
• No: Without hysteresis
• An empty box means Not Applicable.
For more information, see the hysteresis values in Section 6.6, Electrical Characteristics.
13. BUFFER TYPE: This column defines the buffer type associated with a terminal. This information can be
used to determine which Electrical Characteristics table is applicable.
An empty box means Not Applicable.
For electrical characteristics, refer to the appropriate buffer type table in Section 6.6, Electrical
Characteristics.
14. PULL UP/DOWN TYPE: Indicates the presence of an internal pullup or pulldown resistor. Pullup and
pulldown resistors can be enabled or disabled via software.
• PU: Internal pull-up
• PD: Internal pull-down
• PU/PD: Internal pull-up and pull-down
• An empty box means No internal pull.
15. PADCONFIG Register: Name of the IO pad configuration register associated with Ball.
16. PADCONFIG Address: Physical address of the IO pad configuration register associated with Ball.
AM67, AM67A
SPRSPA3 – MARCH 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com