Electronic Components Datasheet Search
  English  ▼

X  

AM6754 Datasheet(PDF) 13 Page - Texas Instruments

Part # AM6754
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6754 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM6754 Datasheet HTML 9Page - Texas Instruments AM6754 Datasheet HTML 10Page - Texas Instruments AM6754 Datasheet HTML 11Page - Texas Instruments AM6754 Datasheet HTML 12Page - Texas Instruments AM6754 Datasheet HTML 13Page - Texas Instruments AM6754 Datasheet HTML 14Page - Texas Instruments AM6754 Datasheet HTML 15Page - Texas Instruments AM6754 Datasheet HTML 16Page - Texas Instruments AM6754 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 235 page
background image
Table 5-1. Pin Attributes (AMW Package)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
H17
CAP_VDDS0
CAP_VDDS0
CAP
L19
CAP_VDDS1
CAP_VDDS1
CAP
U20
CAP_VDDS2
CAP_VDDS2
CAP
N20
CAP_VDDS3
CAP_VDDS3
CAP
G19
CAP_VDDS5
CAP_VDDS5
CAP
J20
CAP_VDDS6
CAP_VDDS6
CAP
H8
CAP_VDDS_CANUART
CAP_VDDS_CANUART
CAP
J10
CAP_VDDS_MCU
CAP_VDDS_MCU
CAP
AC7
CSI0_RXCLKN
CSI0_RXCLKN
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AC6
CSI0_RXCLKP
CSI0_RXCLKP
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AB8
CSI0_RXRCALIB
CSI0_RXRCALIB
A
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG6
CSI1_RXCLKN
CSI1_RXCLKN
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG5
CSI1_RXCLKP
CSI1_RXCLKP
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AA10
CSI1_RXRCALIB
CSI1_RXRCALIB
A
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG8
CSI2_RXCLKN
CSI2_RXCLKN
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG9
CSI2_RXCLKP
CSI2_RXCLKP
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AB14
CSI2_RXRCALIB
CSI2_RXRCALIB
A
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG12
CSI3_RXCLKN
CSI3_RXCLKN
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG11
CSI3_RXCLKP
CSI3_RXCLKP
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AB15
CSI3_RXRCALIB
CSI3_RXRCALIB
A
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD6
CSI0_RXN0
CSI0_RXN0
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AE5
CSI0_RXN1
CSI0_RXN1
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF4
CSI0_RXN2
CSI0_RXN2
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG3
CSI0_RXN3
CSI0_RXN3
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD5
CSI0_RXP0
CSI0_RXP0
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AE4
CSI0_RXP1
CSI0_RXP1
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF3
CSI0_RXP2
CSI0_RXP2
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG2
CSI0_RXP3
CSI0_RXP3
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF7
CSI1_RXN0
CSI1_RXN0
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AE8
CSI1_RXN1
CSI1_RXN1
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD9
CSI1_RXN2
CSI1_RXN2
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AC10
CSI1_RXN3
CSI1_RXN3
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF6
CSI1_RXP0
CSI1_RXP0
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AE7
CSI1_RXP1
CSI1_RXP1
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD8
CSI1_RXP2
CSI1_RXP2
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AC9
CSI1_RXP3
CSI1_RXP3
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF9
CSI2_RXN0
CSI2_RXN0
I
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
www.ti.com
AM67, AM67A
SPRSPA3 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com