Electronic Components Datasheet Search
  English  ▼

X  

MMA7450LR2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA7450LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7450LR2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA7450LR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Sensors
Freescale Semiconductor
9
MMA7450L
is then driven high at the end of a transmission. SPC is the
Serial Port Clock which is also controlled by the SPI master.
SDI and SDO are the Serial Port Data Input and the Serial
Port Data Output. The SDI and SDO data lines are driven at
the falling edge of the SPC and should be captured at the
rising edge of the SPC.
Read and write register commands are completed in 16
clock pulses or in multiples of 8, in the case of a multiple byte
read/write.
SPI READ OPERATION
A SPI read transfer consists of a 1-bit Read/Write signal, a
6-bit address, and 1-bit don’t care bit. (1-bit R/W=0 + 6-bits
address + 1-bit don’t care). The data to read is sent by the
SPI interface during the next transfer. See Figure 11 and
Figure 12 for the timing diagram for an 8-bit read in 4 wire and
3 wire modes, respectively.
Figure 11. SPI Timing Diagram for 8-Bit Register Read
(4 Wire Mode)
Figure 12. SPI Timing Diagram for 8-Bit Register Read
(3 Wire Mode)
SPI WRITE OPERATION
In order to write to one of the 8-bit registers, an 8-bit write
command must be sent to the MMA7450L. The write
command consists of an MSB (0=read, 1=write) to indicate
writing to the MMA7450L register, followed by a 6-bit address
and 1 don’t care bit.
The command should then be followed the 8-bit data
transfer. See Figure 13 for the timing diagram for an 8-bit
data write.
Figure 13. SPI Timing Diagram for 8-Bit Register Write
(3 Wire Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com