Electronic Components Datasheet Search
  English  ▼

X  

MMA7450LR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA7450LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7450LR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA7450LR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Sensors
10
Freescale Semiconductor
MMA7450L
BASIC CONNECTIONS
Pin Descriptions
Figure 14. Pinout Description
Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
Figure 15. I2C Connection to MCU
Figure 16. SPI Connection to MCU
NOTES:
1. Use 100 nF capacitor on VDD to decouple the power
source.
2. Physical coupling distance of the accelerometer to
the microcontroller should be minimal.
3. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 15
and Figure 16.
4. PCB layout of power and ground should not couple
power supply noise.
5. Accelerometer and microcontroller should not be a
high current path.
6. Any external power supply switching frequency
should be selected such that they do not interfere
with the internal accelerometer sampling frequency
(sampling frequency). This will prevent aliasing
errors.
Table 6. Pin Descriptions
Pin No.
Pin Name
Description
1
DVDD_IO
Digital power supply for I/O pads
3, 10,
11
NC
No Connection or connect to GND
4
IADDR0
I2C Address bit 0 (optional)
2, 5
GND
Ground
6
AVDD
Analog power supply (main power supply)
7CS
SPI enable, I2C/SPI mode selection
(1:12C, 0:SPI enabled)
8
INT1/DRDY
Interrupt1 / Data Ready
9
INT2
Interrupt2
12
SDO
SPI Serial Data Output
13
SDA/SDI/
SDO
I2C Serial Data (SDA), SPI Serial Data
Input (SDI), 3-wire interface Serial Data
Output (SDO)
14
SCL/SPC
I2C Serial Clock (SCL), SPI Serial Clock
(SPC)
AVdd
GND
DVdd_IO
INT1/DRDY
INT2
N/C
SDO
SDA/SDI/SDO
N/C
N/C
N/C
GND
Top View
100uF
100uF
100uF
100uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com