Electronic Components Datasheet Search
  English  ▼

X  

MMA7450LR2 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA7450LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7450LR2 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA7450LR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Sensors
16
Freescale Semiconductor
MMA7450L
CLR_INT1
1: Clear “INT1” and LDX/LDY/LDZ or PDX/PDY/PDZ bits in “Detection source” register depending on “Detection control” reg-
ister setting.
0: Do not clear “INT1” LDX/LDY/LDZ or PDX/PDY/PDZ bits in “Detection source” register.
CLR_INT2
1: Clear “INT2” and LDX/LDY/LDZ or PDX/PDY/PDZ bits in “Detection source” register depending on “Detection control” reg-
ister setting.
0: Do not clear “INT2” and LDX/LDY/LDZ or PDX/PDY/PDZ bits in “Detection source” register.
INTPIN
0: INT1 pin is routed to “INT1” register and INT2 pin is routed to “INT2” register.
1: INT2 pin is routed to “INT1” register and INT1 pin is routed to “INT2” register.
Note: Assigned to single pulse detection even if double
pulse detection is selected. “Double pulse detection se-
lected” means “Time window for 2nd pulse” is not equal
zero. When double pulse detection is selected, INT1 reg-
ister bit is not able to be cleared by setting CLR_INT1 bit.
It’s cleared by setting CLR_INT2 bit. In this case, setting
CLR_INT2 clears both INT1 and INT2 register bits and re-
set detecting operation itself.
XDA
1: X axis is disabled for detection.
0: X axis is enabled for detection.
YDA
1: Y axis is disabled for detection.
0: Y axis is enabled for detection.
ZDA
1: Z axis is disabled for detection.
0: Z axis is enabled for detection.
THOPT (This bit is valid for level detection only, not valid
for pulse detection)
0: Threshold value is absolute only
1: Positive/Negative threshold value is available.
DFBW
0: Digital filter band width is 62.5 Hz
1: Digital filter band width is 125 Hz
LDPOL
0: Level detection polarity is positive and detecting condi-
tion is OR 3 axes.
1: Level detection polarity is negative detecting condition
is AND 3 axes.
PDPOL
0: Pulse detection polarity is positive and detecting condi-
tion is OR 3 axes.
1: Pulse detection polarity is negative and detecting con-
dition is AND 3 axes.
DRVO
0: Standard drive strength on SDA/SDO pin
1: Strong drive strength on SDA/SDO pin
$17: Interrupt latch reset (Read/Write
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
--
CLR_INT2 CLR_INT1
Function
0
0
0
0
0
0
0
0
Default
$18: Control 1 (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
DFBW
THOPT
ZDA
YDA
XDA
INTREG[1]
INTREG[0]
INTPIN
Function
0
0
0
0
0
0
0
0
Default
INTREG[1:0]
“INT1” register bit
“INT2” register bit
00
Level Detection
Pulse Detection
01
Pulse Detection
Level Detection
10
Single pulse detection (*Note)
Pulse Detection
$19: Control 2 (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
DRVO
PDPL
LDPL
Function
0
0
0
0
0
0
0
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com