Electronic Components Datasheet Search
  English  ▼

X  

MSC8144 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MSC8144
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8144 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MSC8144 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
MSC8144 Quad Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
3
Figure 1. MSC8144 Block Diagram
Figure 2. StarCore SC3400 DSP Core Subsystem Block Diagram
JTAG
RMU
SRIO
Note: The arrow direction indicates master or slave.
128-bit at
DDR Interface 16/32-bit at 400 MHz data rate
I/O-Interrupt
Concentrator
UART
Clocks
Timers
Reset
Semaphores
Other
DDR
10 Mbytes
M3
Memory
512 Kbytes
M2
Memory
CLASS
128 Kbyte
L2
ICache
PCI 32-bit
Serial RapidIO
Subsystem
Modules
QUICC Engine
Ethernet
Dual RISC
ATM
16-bit/8-bit
10/100/1000 Mbps
10/100/1000 Mbps
Subsystem
400 MHz
Processors
Eight TDMs
33/66 MHz
1x/4x
256-Channels each
Four DSP
Subsystems
Ethernet
Boot ROM
I2C
Virtual
Interrupts
Controller
UTOPIA
SPI
SPI
Instruction
Cache
Address
Translation
Task
Protection
Data
Cache
(WTB)
(WBB)
EPIC
Interrupts
P-bus
Xa-bus
Xb-bus
DQBus
Debug Support
OCE30
Bus Interface
MMU
Timer
Two Internal Buses
(128 bits wide each)
IQBus
DPU
SC3400
Core
TWB
Write-
Through
Buffer
Write-
Back
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com