Electronic Components Datasheet Search
  English  ▼

X  

MSC8144 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MSC8144
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8144 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MSC8144 Datasheet HTML 70Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 71Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 72Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 73Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 74Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 75Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 76Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 77Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
MSC8144 Quad Core Digital Signal Processor Data Sheet, Rev. 1
Hardware Design Considerations
Freescale Semiconductor
74
3.3.6
TDM Interface Related Pins
Table 66 lists the board connections of the TDM pins when an entire specific TDM is not used. For multiplexing options that
select a subset of a TDM interface, use the connections described in Table 66 for those signals that are not selected. Table 66
assumes that the alternate function of the specified pin is not used. If the alternate function is used, connect that pin as required
to support the selected function.
3.3.7
PCI Related Pins
Table 67 lists the board connections of the pins when PCI is not used. Table 67 assumes that the alternate function of the
specified pin is not used. If the alternate function is used, connect that pin as required to support the selected function.
Table 66. Connectivity of TDM Related Pins When TDM Interface Is Not Used
Signal Name
Pin Connection
TDMxRCLK
GND
TDMxRDAT
GND
TDMxRSYN
GND
TDMxTCLK
GND
TDMTxDAT
GND
TDMxTSYN
GND
VDDIO
3.3 V
Notes:
1.
x = {0, 1, 2,3, 4, 5, 6, 7}
2.
In case of subset of TDM interface usage please make sure to disable unused TDM modules. See Chapter 20, TDM, in the
MSC8144 Reference Manual for details.
Table 67. Connectivity of PCI Related Pins When PCI Is Not Used
Signal Name
Pin Connection
PCI_AD[0–31]
GND
PCI_CBE[0–3]
GND
PCI_CLK_IN
GND
PCI_DEVSEL
VDDIO
PCI_FRAME
VDDIO
PCI_GNT
VDDIO
PCI_IDS
GND
PCI_IRDY
VDDIO
PCI_PAR
GND
PCI_PERR
VDDIO
PCI_REQ
NC
PCI_SERR
VDDIO
PCI_STOP
VDDIO
PCI_TRDY
VDDIO
VDDIO
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com