Electronic Components Datasheet Search
  English  ▼

X  

B25838 Datasheet(PDF) 2 Page - EPCOS

Part # B25838
Description  MKV AC Capacitors Damping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25838 Datasheet(HTML) 2 Page - EPCOS

  B25838 Datasheet HTML 1Page - EPCOS B25838 Datasheet HTML 2Page - EPCOS B25838 Datasheet HTML 3Page - EPCOS B25838 Datasheet HTML 4Page - EPCOS B25838 Datasheet HTML 5Page - EPCOS B25838 Datasheet HTML 6Page - EPCOS B25838 Datasheet HTML 7Page - EPCOS B25838 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Please read
Cautions and warnings and
2
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping
B25838
Features
■
High dielectric strength
■
High peak-current capability
Applications
■
For damping and commutating in the upper frequency range
Construction
■
Self-healing
■
Plastic dielectric
■
Oil-impregnated tubular windings (no PCB)
■
Metal-sprayed end faces ensure reliable contacting
■
Cylindrical aluminum case
■
Ceramic lead-throughs
■
Mounting bolts M8 or M12
Terminals
■
Screw terminals M10
■
Tab connectors 6.3 mm
■
Dual tab connectors 6.3 mm
Mounting
■
If the vibration stress is
≤ 5 g and the capacitors are ≤ 60 mm in diameter
and
≤ 160 mm in height the bolt is used for mounting.
Grounding
■
Mounting bolt for grounding in accordance with VDE 0100
■
Grounding identification in accordance with DIN 40 011
Individual data sheets
Individual data sheets contain detailed specification incl. thermal data.
Upon request, these data sheets are available for each capacitor type.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com