Electronic Components Datasheet Search
  English  ▼

X  

B25838 Datasheet(PDF) 5 Page - EPCOS

Part # B25838
Description  MKV AC Capacitors Damping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25838 Datasheet(HTML) 5 Page - EPCOS

  B25838 Datasheet HTML 1Page - EPCOS B25838 Datasheet HTML 2Page - EPCOS B25838 Datasheet HTML 3Page - EPCOS B25838 Datasheet HTML 4Page - EPCOS B25838 Datasheet HTML 5Page - EPCOS B25838 Datasheet HTML 6Page - EPCOS B25838 Datasheet HTML 7Page - EPCOS B25838 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Please read
Cautions and warnings and
5
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping
B25838
Dimensional drawing 1
Screw terminals M10
Dimensions in mm
Mounting parts
(included in delivery)
d –1,2 I –4
∅ d1 –0,4 I1 min Creepage
distance
k
Clear-
ance
64.2
115 60.2
78
20
13
64.2
194 60.2
150
20
13
79.2
194 75.2
150
20
13
89.3
194 85.2
150
20
13
Max. torque terminals*)
7 Nm
Threaded bolt
Max. torque
Toothed washer
Hex nut
M8
4 Nm
J 8.2 DIN 6797
M 8 DIN 439
M12
10 Nm
J 12.5 DIN 6797
M12 DIN 439
KLK1440-3
M10
ød1
13 min.
Hex nut
M12
35
M10 DIN 439
10,5 DIN 433
Washer
1)
*) The terminal torque must not act upon the ceramic. So the lead should be locked between to nuts.
1) Dimensions only for orientation, subject for modifications
Dimensional drawing 2
Dual tab connectors 6.3 mm
Dimensions in mm
**) 8 mm = threaded bolt M8
12 mm = threaded bolt M12
dI
l1 max l2 +1**) Creepage
distance
Clear-
ance
40
95
28
8
10
9
50
95
32
12
14
9
KLK1441-B
Tab connector
9 min.
21±1
A 6,3 x 0,8
DIN 46 244
+0,5
–0,2
+1
–2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com