Electronic Components Datasheet Search
  English  ▼

X  

B25838 Datasheet(PDF) 4 Page - EPCOS

Part # B25838
Description  MKV AC Capacitors Damping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25838 Datasheet(HTML) 4 Page - EPCOS

  B25838 Datasheet HTML 1Page - EPCOS B25838 Datasheet HTML 2Page - EPCOS B25838 Datasheet HTML 3Page - EPCOS B25838 Datasheet HTML 4Page - EPCOS B25838 Datasheet HTML 5Page - EPCOS B25838 Datasheet HTML 6Page - EPCOS B25838 Datasheet HTML 7Page - EPCOS B25838 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Please read
Cautions and warnings and
4
09/05
Important notes at the end of this document.
MKV AC Capacitors
Damping
B25838
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
Rins
20
°C
m
Ω
Lself
nH
Dimensions
d
× l
mm
Fig. Appr.
weight
g
Ordering code
V
R = AC 600 V
= 750 V
vs = 1000 V
VTT = AC 750 V, 10 s
VTC = AC 2100 V, 10 s
2.2
20
350
880
8.0
60 40.0
× 57 3
90
B25838K4225K001
4.7
40
750
1900
4.5
70 40.0
× 95 2
140
B25838K4475K009
10
80
1600
4000
2.4
90 64.2
× 115 1
450
B25838L4106K004
15
80
2400
6000
2.2
140 79.2
× 194 1
1100
B25838L4156K004
22
80
3500
8800
1.7
140 79.2
× 194 1
1100
B25838L4226K004
33
80
5300 13000
1.4
140 79.2
× 194 1
1100
B25838L4336K004
47
80
7500 19000
1.1
140 79.2
× 194 1
1100
B25838L4476K004
V
R = AC 900 V
= 1100 V
vs = 1500 V
VTT = AC 1150 V, 10 s
VTC = AC 2600 V, 10 s
1.0
20
280
700
9.6
60 40.0
× 57 3
90
B25838K6105K001
2.2
20
620
1500
4.9
60 50.0
× 57 3
130
B25838K6225K001
4.7
40
1300
3300
3.1
70 50.0
× 95 2
220
B25838K6475K009
6.8
80
1900
4800
2.0
90 64.2
× 115 1
450
B25838L6685K004
10
80
2800
7000
1.9
140 79.2
× 194 1
1100
B25838L6106K004
12
80
3400
8400
1.7
140 79.2
× 194 1
1100
B25838L6126K004
15
80
4200 10500
1.5
140 79.2
× 194 1
1100
B25838L6156K004
22
80
6200 15000
1.2
140 79.2
× 194 1
1100
B25838L6226K004
33
80
9200 23000
1.1
140 89.3
× 194 1
1500
B25838L6336K004
V
R = AC 1100 V
= 1400 V
vs = 1900 V
VTT = AC 1400 V, 10 s
VTC = AC 3000 V, 10 s
1,0
20
600
1500 13,0
90 40,0
× 95 3
140
B25838K8105K001
2,2
20
1300
3300
6,5
70 50,0
× 95 3
220
B25838K8225K001
4,7
80
2800
7000
3,5
170 64,2
× 194 1
750
B25838L8475K004
10
80
6000 15000
2,1
170 79,2
× 194 1
1100
B25838L8106K004
12
80
7200 18000
2,0
170 89,3
× 194 1
1500
B25838L8126K004
15
80
9000 23000
1,7
170 89,3
× 194 1
1500
B25838L8156K004
18
80
11000 27000
1,5
170 89,3
× 194 1
1500
B25838L8186K004
22
80
13000 33000
1,4
170 89,3
× 194 1
1500
B25838L8226K004
1) Other capacitance values upon request
vˆ
vˆ
vˆ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com