Electronic Components Datasheet Search
  English  ▼

X  

8030 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8030
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8030 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8030 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Type 8650
3 | 16
Visit product website 
1.
General technical data
1.1. General data
Note:
Further information can be found in chapter:
• Type 6524, 6525 “1.4. 11 mm width per station: pilot valves Type 6524 and Type 6525 Ex i” on page 5
• Type 6526, 6527 “1.5. 16.5 mm width per station: pilot valves Type 6526 and Type 6527 Ex i” on page 6
Product properties
Type 6524, Type 6525
Type 6526, Type 6527
Dimensions
Further information can be found in chapter “5. Dimensions” on page 8.
Material
Body
PA, PC, nickel-plated brass, stainless steel
PA, PC, brass nickel-plated, stainless steel
Seal
NBR
NBR
Maximum installation width of a valve
island
Further information can be found in chapter “5. Dimensions” on page 8.
Width per station
11 mm
16.5 mm
Manual override
Standard
Standard
Number of valve positions
Max. 48
Max. 32
Maximum number of valve functions
Max. 96 valve functions
Max. 32 valve functions
Switching function/Operating principle 1.)
Further information can be found in chapter “2. Circuit functions” on page 6.
Pneumatic intermediate supply
Necessary from 20 valve functions
Necessary from 20 valve functions
Performance data
Pressure data
Overpressure to atmospheric pressure
Overpressure to atmospheric pressure
Pressure range
Vac.…8 bar
Vac.…8 bar
External supply air (auxiliary pilot air)
> 2.5 bar
> 2.5 bar
Flow rate Q
Nn value air
300 l/min 1.) measured at + 20 °C, pressure
6 bar at valve inlet and 1 bar differential
pressure
700 l/min 1.) measured at + 20 °C, pressure
6 bar at valve inlet and 1 bar differential
pressure
Flow rate Q
Nn value air with integrated
P shut-off
Flow reduced by approx. 25 %
N/A
Nominal operating mode
Continuous operation (100 % duty cycle)
Continuous operation (100 % duty cycle)
Switching time
Measured according to ISO 12238
Measured according to ISO 12238
Electrical data
Operating voltage
Supply via ET 200iSP: 24 V DC, alternatively
120/230 V AC, installed protection class Ex e
Supply via ET 200iSP: 24 V DC, alternatively
120/230 V AC, installed protection class Ex e
Voltage tolerance
± 10 %
± 10 %
Residual ripple (at DC)
N/A (due to the PowerSupply module of
Siemens SIMATIC ET 200iSP™)
N/A (due to the PowerSupply module of
Siemens SIMATIC ET 200iSP™)
Nominal power of each valve
0.3 W (2 × 0.3 W with 2 × 3/2-way valve)
0.3 W
Nominal current of each valve
Max. 30 mA
Max. 30 mA
Position feedback
Via cooperation partners
Via cooperation partners
Protection class
III according to DIN EN 61140
III according to DIN EN 61140
With fieldbus connection
Table 3 - 4 in the Siemens ET200 iSP manual
Table 3 - 4 in the Siemens ET200 iSP manual
Medium data
Operating medium
Oil-free or lubricated compressed dry air
(5 µm filter recommended)
Oil-free or lubricated compressed dry air
(5 µm filter recommended)
Compressed air quality
ISO 8573 - 1: 2010, class 7.4.4
ISO 8573 - 1: 2010, class 7.4.4
Approvals and conformities
Degree of protection
IP30
IP30
Explosion protection
Further information can be found in chapter “3.4. Explosion protection” on page 7
Process/Port connection & communication
Working port
D 6, D 8, D ¼"
D 8
Air supply connection
G ⅜
G ⅜
Communication module
Siemens SIMATIC ET 200iSP™
Siemens SIMATIC ET 200iSP™
Communication interface
PROFIBUS DP, PROFINET IO
PROFIBUS DP, PROFINET IO
Environment and installation
Installation position
On S7 standard rail from Siemens
On S7 standard rail from Siemens
Storage temperature
- 40…+ 70 °C
- 40…+ 70 °C
Ambient temperature
0…+ 60 °C (horizontal installation)
0…+ 50 °C (for all other installation positions)
0…+ 60 °C (horizontal installation)
0…+ 50 °C (for all other installation positions)
1.) The maximum flow rate depends on the valve function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com