Electronic Components Datasheet Search
  English  ▼

X  

8030 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8030
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8030 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8030 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Type 8650
6 | 16
Visit product website 
1.5. 16.5 mm width per station: pilot valves Type 6526 and Type 6527 Ex i
• The pneumatic valves of Type 6526  and Type 6527  consist of an Ex i pilot solenoid valve
Type 6106  and a pneumatic seat valve. The operating principle allows switching of high
pressures with low power consumption and short switching times. The pilot valves are
equipped with a manual override as standard (alternatively versions without).
• Further information regarding ordering information can be found in chapter „Ordering chart
accessories“ auf Seite 13.
Product properties
Material
Body
PA (polyamide)
Seal
NBR
Manual actuation
Yes (alternative versions without)
Orifice
DN 6 mm
Performance data
Flow (Q
Nn value air)
700 l (measured at + 20 °C, 6 bar pressure at valve inlet and 1 bar differential pressure)
Nominal operating mode
Continuous operation (100 % duty cycle)
Electrical data
Nominal power of each valve
0.3 W
Process/Port connection & communication
Port connection
Via valve block Bürkert Type 8650
Electrical connection (on valve)
Via valve block Bürkert Type 8650
Environment and installation
Mounting condition
With 2 Screws M3 × 30
2.
Circuit functions
Symbol
Description
2(A)
1(P)
3(R)
12
Circuit function C (CF C)
3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
4
1
5
14
2
1
3
12
Circuit function C (CF C)
2 x 3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
2(B)
1(P)
3(R)
10
Circuit function D (CF D)
3/2-way solenoid valve
Servo-controlled, with manual override
Normally open
14
12
4
2
5 1 3
Circuit function H (CF H)
5/2-way solenoid valve
Servo-controlled, with manual override
Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com