Electronic Components Datasheet Search
  English  ▼

X  

8030 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8030
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8030 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8030 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Type 8650
9 | 16
Visit product website 
6.
Product design and assembly
Note:
• Open for all functionalities
• The valve island acquires sensor signals via digital feedback inputs. As a result, pneumatic outputs switch single-acting or double-acting
process valves in different modes of operation.
1
2
2
3
4
No.
Element
Pneumatic connections
1
Supply slice, left
G ⅜" (P + R/S) and G ⅛" (X)
2
Valve slice 44 mm
Plug-in coupling D6, D ¼" (working ports)
3
Valve slice 66 mm
Plug-in coupling D8 (working ports)
4
Supply slice, right
G ⅜" (P + R/S) and G ⅛" (X)
7.
Product accessories
7.1. Certified control cabinets
Note:
Certified control cabinets (e.g. ATEX/UL) are available on request.
Certified cabinet
Description
Control cabinet with Siemens SIMATIC ET 200iSP™ and Bürkert
Type 8650, e.g. for use in the pharmaceutical industry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com