Electronic Components Datasheet Search
  English  ▼

X  

SM712 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SM712
Description  TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SM712 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SM712 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SM712 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SM712 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SM712 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N2270, REV.B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SM712
Mechanical Dimensions SOT-23
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
0.890
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.076
0.170
0.003
0.007
D
2.650
3.050
0.104
0.120
E
1.190
1.400
0.047
0.055
E1
2.100
2.550
0.083
0.100
e
0.950 TYP.
0.037 TYP.
e1
1.780
2.050
0.070
0.081
L
0.550 REF.
0.022 REF.
L1
0.300
0.500
0.012
0.020
θ
0°
8°
0°
8°
Carrier Tape Specification SOT-23
SYMBOL
Millimeters
Min.
Max.
A
3.05
3.25
B
2.67
2.87
C
1.12
1.32
d
1.40
1.60
E
1.65
1.85
F
3.40
3.60
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
W
7.90
8.30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com