Electronic Components Datasheet Search
  English  ▼

X  

SM712 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SM712
Description  TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SM712 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SM712 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SM712 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SM712 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SM712 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2270, REV.B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SM712
SM712 TVS Diode
Description
Circuit Diagram
Features
Schematic and Pin Configuration
Mechanical Characteristics
Applications
Transient protection for high speed data lines
IEC 61000-4-2(ESD)±15KV(air),±8KV(contact)
IEC 61000-4-4(EFT) 40A (5/50ns)
IEC 61000-4-5(Lightning) 12A (8/20us)
Protects two +12V to -7V lines
Low capacitance
Low clamping voltage
Solid-state silicon avalanche technology
“-A” is an AEC-Q101 qualified device
SOT-23
The SM712 transient voltage suppressor (TVS) diode is
designed for asymmetrical (12V to -7V ) protection in
multi-point data transmission standard RS-485 applications.
The SM712 may be used to protect devices
from transient voltages resulting from electrostatic
discharge (ESD), electrical fast transients (EFT), and
lightning.
The SM712 replaces four discrete components by
integrating two 12V and two 7V TVS diodes in a single
package. The integrated design aids in reducing
voltage over-shoot associated with trace inductance.
The low clamping voltage of the SM712 minimizes the
stress on the protected transceiver. The SOT23
package allows flexibility in the design of “crowded”
circuit boards.
Protection of RS-485 transceivers with
extended
common-mode range
Security systems
Automatic Teller Machines
HFC systems
SOT-23 package
Marking: 712
Molding compound flammability rating: UL 94V-0


Similar Part No. - SM712

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM712 SEMTECH-SM712 Datasheet
147Kb / 6P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
SM712 SEMTECH-SM712 Datasheet
147Kb / 6P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Socay Electornics Co., ...
SM712 SOCAY-SM712 Datasheet
154Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
logo
Diotech Company.
SM712 DIOTECH-SM712 Datasheet
1Mb / 4P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Shanghai Leiditech Elec...
SM712 LEIDITECH-SM712 Datasheet
151Kb / 3P
USB 2.0 power and data line
More results

Similar Description - SM712

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDT05J AUK-SDT05J Datasheet
70Kb / 3P
TVS Diode
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
TVS Diode
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
TVS Diode
logo
Torex Semiconductor
XBP1012 TOREX-XBP1012_12 Datasheet
204Kb / 5P
TVS Diode
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
TVS Diode
XBP1012-12 TOREX-XBP1012-12 Datasheet
204Kb / 5P
TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com