Electronic Components Datasheet Search
  English  ▼

X  

SM712 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SM712
Description  TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SM712 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SM712 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SM712 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SM712 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SM712 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N2270, REV.B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SM712
* Pulse width < 300 µs, duty cycle < 2%
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Maximum Ratings:
Characteristics
Symbol
Max.
Units
Peak Pulse Current (tp=8/20us)
IPP
15
A
Lead Soldering Temperature
TL
260(10 seconds)
℃
Operating Temperature
TJ
-55 to +125
℃
Storage Temperature
TSTG
-55 to +150
℃
Electrical Characteristics@TA=25°C unless otherwise specified
Pins 1 to 3 and 2 to
3 (12V TVS)
Pins 3 to 1 and 3 to
2 (7V TVS)
Characteristics
Symbol
Condition
Min. Typ. Max.
Min. Typ. Max. Units
Reverse Stand-Off Voltage*
VRWM
-
-
-
12
-
-
7
V
Reverse Breakdown
Voltage*
VBR
IPT=1mA
13.3
-
-
7.5
-
-
V
Reverse Leakage Current*
IR
VR=VRWM
-
-
1
-
-
20
uA
Clamping Voltage
VC
IPP=5A, tp=8/20us
-
-
20
-
-
12
V
Clamping Voltage
VC
IPP=15A, tp=8/20us
-
-
26
-
-
14
V
Junction Capacitance
Cj
VR=0V, f=1MHz
-
75
-
-
75
pF
Ordering Information
Marking Diagram
Device
Package
Shipping
SM712
SOT-23
(Pb-Free)
3000pcs / reel
SM712TR
SOT-23
(Pb-Free)
3000pcs / reel
712
= Device Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com