Electronic Components Datasheet Search
  English  ▼

X  

AD8538 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8538
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8538 Datasheet HTML 3Page - Analog Devices AD8538 Datasheet HTML 4Page - Analog Devices AD8538 Datasheet HTML 5Page - Analog Devices AD8538 Datasheet HTML 6Page - Analog Devices AD8538 Datasheet HTML 7Page - Analog Devices AD8538 Datasheet HTML 8Page - Analog Devices AD8538 Datasheet HTML 9Page - Analog Devices AD8538 Datasheet HTML 10Page - Analog Devices AD8538 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8538/AD8539
Rev. A | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
T = 25°C, unless otherwise noted.
THERMAL RESISTANCE
A
Table 5.
θJA
Parameter
Rating
is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Supply Voltage
+6 V
Table 6. Thermal Characteristics
Input Voltage
V − 0.3 V to V
+ 0.3 V
SS
DD
Package Type
θ
θ
Unit
Differential Input Voltage
±6 V
JA
JC
5-Lead TSOT-23 (UJ-5)
207
61
°C/W
Output Short-Circuit Duration to GND
Observe derating curve
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Operating Temperature Range
–40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply at 25°C, unless otherwise noted.
8-Lead SOIC_N (R-8)
125
43
°C/W
8-Lead MSOP (RM-8)
145
45
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com