Electronic Components Datasheet Search
  English  ▼

X  

AD8538 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8538
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8538 Datasheet HTML 7Page - Analog Devices AD8538 Datasheet HTML 8Page - Analog Devices AD8538 Datasheet HTML 9Page - Analog Devices AD8538 Datasheet HTML 10Page - Analog Devices AD8538 Datasheet HTML 11Page - Analog Devices AD8538 Datasheet HTML 12Page - Analog Devices AD8538 Datasheet HTML 13Page - Analog Devices AD8538 Datasheet HTML 14Page - Analog Devices AD8538 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8538/AD8539
Rev. A | Page 11 of 24
TIME (200µs/DIV)
VSY = 5V
AV = 1
VIN = 6V p-p
RL = 10kΩ
VOUT
VIN
1000
10
100
10
100
1k
10k
FREQUENCY (Hz)
VSY = 5V
TA = 25°C
Figure 25. AD8538 No Phase Reversal
Figure 23. AD8538 Voltage Noise Density
TIME (1s/DIV)
VSY = 5V AND 2.7V
Figure 24. AD8538 0.1 Hz to 10 Hz Input Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com