Electronic Components Datasheet Search
  English  ▼

X  

AD8538 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8538
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8538 Datasheet HTML 12Page - Analog Devices AD8538 Datasheet HTML 13Page - Analog Devices AD8538 Datasheet HTML 14Page - Analog Devices AD8538 Datasheet HTML 15Page - Analog Devices AD8538 Datasheet HTML 16Page - Analog Devices AD8538 Datasheet HTML 17Page - Analog Devices AD8538 Datasheet HTML 18Page - Analog Devices AD8538 Datasheet HTML 19Page - Analog Devices AD8538 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8538/AD8539
Rev. A | Page 16 of 24
TIME (4µs/DIV)
AD8539
VSY = 5V
AV = 1
CL = 300pF
RL = 10kΩ
1000
900
800
700
600
500
400
300
200
100
0.01
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AD8539
VSY = ±2.5V
AV = 100
AV = 10
AV = 1
Figure 46. AD8539 Closed-Loop Output Impedance vs. Frequency
Figure 49. AD8539 Large Signal Transient Response
60
50
40
30
20
10
0
1
10
100
1k
CAPACITANCE (pF)
OS–
OS+
AD8539
VSY = ±2.5V
RL = 2kΩ
INPUT VOLTAGE
OUTPUT VOLTAGE
AD8539
VSY = ±2.5V
AV = –50
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
5
4
3
2
1
0
–1
–2
–3
TIME (20µs/DIV)
Figure 50. AD8539 Positive Overload Recovery
Figure 47. AD8539 Small Signal Overshoot vs. Load Capacitance
TIME (2µs/DIV)
AD8539
VSY = 5V
AV = 1
CL = 300pF
RL = 2kΩ
INPUT VOLTAGE
OUTPUT VOLTAGE
AD8539
VSY = ±2.5V
AV = –50
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
7.5
6.5
5.5
4.5
3.5
2.5
1.5
0.5
–0.5
TIME (20µs/DIV)
Figure 48. AD8539 Small Signal Transient Response
Figure 51. AD8539 Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com