Electronic Components Datasheet Search
  English  ▼

X  

CT220 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # CT220
Description  XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT220 Datasheet(HTML) 1 Page - Allegro MicroSystems

  CT220 Datasheet HTML 1Page - Allegro MicroSystems CT220 Datasheet HTML 2Page - Allegro MicroSystems CT220 Datasheet HTML 3Page - Allegro MicroSystems CT220 Datasheet HTML 4Page - Allegro MicroSystems CT220 Datasheet HTML 5Page - Allegro MicroSystems CT220 Datasheet HTML 6Page - Allegro MicroSystems CT220 Datasheet HTML 7Page - Allegro MicroSystems CT220 Datasheet HTML 8Page - Allegro MicroSystems CT220 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
The CT220 is a high-linearity and high-resolution contactless
current sensor from Allegro developed on its patented
XtremeSense™ TMR technology. The CT220 measures the
magnetic field of the current flowing through a busbar or
printed circuit board (PCB) trace and converts it to an analog
output voltage that represents the field and therefore current.
As a contactless current sensor, it has an inherently high
isolation, making it an ideal solution for applications where
product safety compliance is a requirement due to high operating
voltages combined with human interaction with the product.
The CT220 achieves XtremeSense performance with a typical
total output error of ±0.5% while sensing field (current) as
low as 5 mA. The device supports a wide operating voltage
range of 2.7 to 5.5 V.
The CT220 is an ideal contactless current sensing solution for
applications that must have excellent isolation and accurate
current measurements. There are four variants of the CT220
that will sense the following magnetic fields: ±1.5 mT, ±5.0 mT,
±10.0 mT, and ±15.0 mT. The device also integrates a FLAG
output that is active low and indicates when the field is above
90% and below 10% the full field range.
The CT220 is available in an industry standard 5-lead SOT23
package.
CT220-DS, Rev. 1
MCO-0001516
• AC or DC contactless current sensing
• Inherently high isolation
• Magnetic field (current) range:
□ ±1.5 mT
□ ±5.0 mT
□ ±10.0 mT
□ ±15.0 mT
• Stable performance over temperature
• Supply current: ~1.2 mA
• FLAG Pin to indicate 90% and 10% of full field range
□ Active low digital output (push-pull)
• Supply voltage: 2.7 to 5.5 V
• Operating temperature ranges:
□ Industrial: –40°C to 85°C
□ Extended industrial: –40°C to 125°C
• Package: 5-lead SOT23
XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor
with FLAG Output in Miniature Form Factor
PACKAGE:
Not to scale
CT220
FEATURES AND BENEFITS
DESCRIPTION
December 15, 2023
• Contactless current sensing measurements
• Motor control
• Solar inverters
• Power distribution units (PDUS)
• UPS, SMPS, and telecom power supplies
• Smart appliances
• IoT smart plugs/energy devices
• Battery management systems
• Battery chargers
• PC and servers
APPLICATIONS
5-lead SOT23-5
Figure 1: CT220 with Analog and FLAG Outputs in
SOT23-5 Package Block Diagram
XtremeSense
TMR
State Machine
Analog
Front-End
Digital
(Push-pull)
Analog
2
1
3
4
ANA
VDD
VDD
FLAG
GND


Similar Part No. - CT220

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CT220802 POWEREX-CT220802 Datasheet
91Kb / 4P
Split SCR/Diode POW-R-BLOK??Modules 20 Amperes/800 Volts
More results

Similar Description - CT220

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2CA OMRON-E2CA Datasheet
588Kb / 12P
Linear Output Proximity Sensor with High-accuracy Resolution
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
Combine Small Form Factor with High Performance
logo
Seoul Semiconductor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
High-gain in a small form factor
logo
List of Unclassifed Man...
MC-SERISE ETC1-MC-SERISE Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
logo
Seoul Semiconductor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
Superior Efficacy & Lumen output with Small Form Factor
logo
MultiDimension Technolo...
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR308X MULTIDIMENSION-TMR308X Datasheet
1,016Kb / 9P
High Performance Automotive TMR Angle Sensor
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com