Electronic Components Datasheet Search
  English  ▼

X  

CT220 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # CT220
Description  XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT220 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button CT220 Datasheet HTML 9Page - Allegro MicroSystems CT220 Datasheet HTML 10Page - Allegro MicroSystems CT220 Datasheet HTML 11Page - Allegro MicroSystems CT220 Datasheet HTML 12Page - Allegro MicroSystems CT220 Datasheet HTML 13Page - Allegro MicroSystems CT220 Datasheet HTML 14Page - Allegro MicroSystems CT220 Datasheet HTML 15Page - Allegro MicroSystems CT220 Datasheet HTML 16Page - Allegro MicroSystems CT220 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor
with FLAG Output in Miniature Form Factor
CT220
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
CT220RMx (±15.0 mT) ELECTRICAL CHARACTERISTICS: Valid for VDD = 2.7 to 5.5 V, CBYP = 1.0 µF, and TA = –40°C to
125°C, typical values are VDD = 5.0 V and TA = 25°C, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
ANALOG OUTPUT
Gain
G
VDD = 5.0 V, TA = 25°C
145
150
155
mV/mT
VDD = 3.3 V, TA = 25°C
95.7
99
102.3
mV/mT
Current Sensing Range
BANA
–15
–
+15
ADC
RESOLUTION
Resolution
RES
ITRACE = 3.5 A[1]
–
5.0
–
mA
TOTAL OUTPUT ERROR PERFORMANCE
Total Output Error for CT220RMC [2]
ETOT_PMC
TA = 0°C to 125°C
–
±0.5
±1.0
% FS
TA = –40°C to 125°C
–
±0.5
±3.0
% FS
Total Output Error for CT220RMV [2]
ETOT_PMV
TA = 0°C to 125°C
–
±0.5
±1.5
% FS
TA = –40°C to 125°C
–
±0.5
±5.0
% FS
TOTAL OUTPUT ERROR COMPONENTS
Non-Linearity
eLIN
BANA = ±15.0 mT, TA = –40°C to 125°C
–
±0.30
–
% FS
Temperature Coefficient of Sensitivity
for CT220RMC [3]
TCSPMC
TA = 0°C to 125°C
–
–70
–
ppm/°C
TA = –40°C to 125°C
–
–150
–250
ppm/°C
Temperature Coefficient of Sensitivity
for CT220RMV [3]
TCSPMV
TA = 0°C to 125°C
–
–100
–
ppm/°C
TA = –40°C to 125°C
–
–200
–400
ppm/°C
Temperature Coefficient of Offset
Voltage [3]
TCO
TA = –40°C to 125°C, VDD = 5.0 V
–
100
–
ppm/°C
NOISE
Input Referred Noise [3]
eN
fBW = 1 Hz to 30 kHz, VDD = 5.0 V
–
2.38
–
µTRMS
–
0.36
–
mVRMS
[1]
Measurement result from EVB222 (top trace on PCB), CT220 evaluation board.
[2]
Reference section CT220 Calibration Guide.
[3]
Guaranteed by design and characterization; not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com