Electronic Components Datasheet Search
  English  ▼

X  

CT220 Datasheet(PDF) 24 Page - Allegro MicroSystems

Part # CT220
Description  XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT220 Datasheet(HTML) 24 Page - Allegro MicroSystems

Back Button CT220 Datasheet HTML 17Page - Allegro MicroSystems CT220 Datasheet HTML 18Page - Allegro MicroSystems CT220 Datasheet HTML 19Page - Allegro MicroSystems CT220 Datasheet HTML 20Page - Allegro MicroSystems CT220 Datasheet HTML 21Page - Allegro MicroSystems CT220 Datasheet HTML 22Page - Allegro MicroSystems CT220 Datasheet HTML 23Page - Allegro MicroSystems CT220 Datasheet HTML 24Page - Allegro MicroSystems CT220 Datasheet HTML 25Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor
with FLAG Output in Miniature Form Factor
CT220
24
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PACKAGE INFORMATION
Table 4: CT220 Package Information
Part Number
Package Type
# of
Leads
Package
Quantity
Lead
Finish
Eco Plan [1]
MSL
Rating [2]
Operating
Temperature [3] Device Marking
[4]
CT220BMC-IS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 85°C
ABY WWS
CT220BMC-HS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 125°C
ABY WWS
CT220BMV-IS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 85°C
ACY WWS
CT220BMV-HS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 125°C
ACY WWS
CT220FMC-IS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 85°C
AFY WWS
CT220FMC-HS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 125°C
AFY WWS
CT220FMV-IS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 85°C
AGY WWS
CT220FMV-HS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 125°C
AGY WWS
CT220PMC-IS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 85°C
APY WWS
CT220PMC-HS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 125°C
APY WWS
CT220PMV-IS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 85°C
AQY WWS
CT220PMV-HS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 125°C
AQY WWS
CT220RMC-IS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 85°C
ARY WWS
CT220RMC-HS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 125°C
ARY WWS
CT220RMV-IS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 85°C
ASY WWS
CT220RMV-HS5
SOT23
5
3000
Sn
Green & RoHS
1
–40°C to 125°C
ASY WWS
[1]
RoHS is defined as semiconductor products that are compliant to the current EU RoHS requirements. It also will meet the requirement that RoHS
substances do not exceed 0.1% by weight in homogeneous materials. Green is defined as the content of chlorine (Cl), bromine (Br), and antimony
trioxide based flame retardants satisfy JS709B low halogen requirements of ≤ 1,000 ppm.
[2]
MSL Rating = Moisture Sensitivity Level Rating as defined by JEDEC standard classifications.
[3]
Package will withstand ambient temperature range of –40°C to 150°C and storage temperature range of –65°C to 160°C.
[4]
Device Marking for SOT23 is defined as XZ YWWS where XZ = part number and Y = Year, WW = work week, and S = sequential number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com